Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 191 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 191 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 187Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 188Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 189Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 190Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 191Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 192Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 193Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 194Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 195Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 199 page
background image
12.1.1 Packaging Information
Orderable Device
Status
(1)
Packag
e Type
Packag
e
Drawing
Pins
Packag
e Qty
Eco Plan
(2)
Lead/Ball
Finish(4)
MSL Peak
Temp (3)
Op Temp
(°C)
Device Marking(5) (6)
PDP83TG720SWCST
Q1
EARLY
SAMPL
E
VQFN
RHA
36
250
RoHS
NiPdAu
MSL3-260C
-40 to 125
DP83TG720SWRHAT
Q1
PREVI
EW
VQFN
RHA
36
250
RoHS
NiPdAu
MSL3-260C
-40 to 125
720S
DP83TG720SWRHAR
Q1
PREVI
EW
VQFN
RHA
36
2000
RoHS
NiPdAu
MSL3-260C
-40 to 125
720S
(1)
The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using
this part in a new design.
PRE_PROD Unannounced device, not in production, not available for mass market, nor on the web, samples not available.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
space
(2)
Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please
check http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS
requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where
designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the
die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free
(RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb)
based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
space
(3)
MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
space
(4)
Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line.
Lead/Ball Finish values may wrap to two lines if the finish value exceeds the maximum column width.
space
(5)
There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device
space
(6)
Multiple Device markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will
appear on a device. If a line is indented then it is a continuation of the previous line and the two combined represent the entire Device
Marking for that device.
Important Information and Disclaimer: The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI
bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information.
Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and
accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers
consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to
Customer on an annual basis.
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com