Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 195 Page - Texas Instruments

Part # PDP83TG720SWCSTQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 195 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 191Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 192Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 193Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 194Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 195Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 196Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 197Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 198Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 199Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 195 / 199 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
32X (0.5)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
36X (0.6)
36X (0.25)
(5.8)
(5.8)
(
3.7)
(
0.2) TYP
VIA
(0.625) TYP
(1.6) TYP
(0.625)
TYP
(1.6)
TYP
VQFN - 1 mm max height
RHA0036A
PLASTIC QUAD FLATPACK - NO LEAD
4225089/A 06/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 15X
SEE SOLDER MASK
DETAIL
1
9
10
18
19
27
28
36
37
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com