Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 24Page - Texas Instruments TAS5822MDCPR Datasheet HTML 25Page - Texas Instruments TAS5822MDCPR Datasheet HTML 26Page - Texas Instruments TAS5822MDCPR Datasheet HTML 27Page - Texas Instruments TAS5822MDCPR Datasheet HTML 28Page - Texas Instruments TAS5822MDCPR Datasheet HTML 29Page - Texas Instruments TAS5822MDCPR Datasheet HTML 30Page - Texas Instruments TAS5822MDCPR Datasheet HTML 31Page - Texas Instruments TAS5822MDCPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
Table 7-3. Analog Gain Setting
AGAIN[4:0]
GAIN (dBFS)
AMPLIFIER OUTPUT PEAK
VOLTAGE (VP/FS)
AMPLIFIER OUTPUT PEAK
VOLTAGE (dBV/FS)
00000 (Default Setting)
0 (Default Setting)
29.5VP/FS (Default Setting)
29.4dBV
00001
-0.5
27.85VP/FS
28.9dBV
00010
-1.0
26.29VP/FS
28.4dBV
00011
-1.5
24.82VP/FS
27.9dBV
…….
……..
…….
....
11111
-15.5
4.95VP/FS
13.9dBV
Table 7-4. Example of Analog Gain Setting
(Based on 6Ω speaker Load, take 0.5Ω loss for PCB, Speaker wire, Inductor DCR and RDSon)
DAC
Input
(µDSP
Output)
dBFS
Full Band AGL
Threshold
dBFS
PVDD
V
Book0/Page0,
Register 0x54,
AGAIN[4:0]
Gain (dBFS)
Amplifier Output Peak
Voltage
V
Amplifier Output
Peak Voltage
dBV
0
0
24
00101
-2.5
22.5V (Without Clipping)
27dBV
18
01010
-5
16.6V (Without Clipping)
24.35dBV
13.5
01111
-7.5
12.46V (Without Clipping)
21.9dBV
-2.5
-2.5
24
00000
0
22.5V (Clipping or not,
depends on AGL time
constant tuning)
27dBV
-5
-5
18
16.6V (Clipping or not,
depends on AGL time
constant tuning)
24.35dBV
-7.5
-7.5
13.5
12.46V (Clipping or not,
depends on AGL time
constant tuning)
21.9dBV
7.4 Device Functional Modes
7.4.1 Software Control
The TAS5822M device is configured via an I2C communication port.
The I2C Communication Protocol is detailed in the I2C Communication Port section. The I2C timing requirements
are described in the I2C Bus Timing – Standard and I2C Bus Timing – Fast sections.
7.4.2 Speaker Amplifier Operating Modes
The TAS5822M device can be used in two different amplifier configurations:
• BTL Mode
• PBTL Mode
7.4.2.1 BTL Mode
The familiar BTL mode of operation uses the TAS5822M device to amplify two independent signals, which
represent the left and right portions of a stereo signal. The amplified left signal is presented on differential output
pair shown as OUT_A+ and OUT_A-, the amplified right signal is presented on differential output pair shown as
OUT_B+ and OUT_B-.
7.4.2.2 PBTL Mode
The PBTL mode of operation is used to describe operation in which the two outputs of the device are placed in
parallel with one another to increase the power sourcing capabilities of the device. On the output side of the
TAS5822M device, the summation of the devices can be done before the filter in a configuration called Pre-Filter
Parallel Bridge Tied Load (PBTL). However, the two outputs can be required to merge together after the inductor
portion of the output filter. Doing so does require two additional inductors, but allows smaller, less expensive
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com