Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 71 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 67Page - Texas Instruments TAS5822MDCPR Datasheet HTML 68Page - Texas Instruments TAS5822MDCPR Datasheet HTML 69Page - Texas Instruments TAS5822MDCPR Datasheet HTML 70Page - Texas Instruments TAS5822MDCPR Datasheet HTML 71Page - Texas Instruments TAS5822MDCPR Datasheet HTML 72Page - Texas Instruments TAS5822MDCPR Datasheet HTML 73Page - Texas Instruments TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
This section details the information required to configure the device for several popular configurations and
provides guidance on integrating the TAS5822M device into the larger system.
8.2 Typical Applications
8.2.1 2.0 (Stereo BTL) System
In the 2.0 system, two channels are presented to the amplifier via the digital input signal. These two channels
are amplified and then sent to two separate speakers. In some cases, the amplified signal is further separated
based upon frequency by a passive crossover network after the L-C filter. Even so, the application is considered
2.0.
Most commonly, the two channels are a pair of signals called a stereo pair, with one channel containing the
audio for the left channel and the other channel containing the audio for the right channel. While certainly the two
channels can contain any two audio channels, such as two surround channels of a multi-channel speaker
system, the most popular occurrence in two channels systems is a stereo pair.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com