Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 75 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 71Page - Texas Instruments TAS5822MDCPR Datasheet HTML 72Page - Texas Instruments TAS5822MDCPR Datasheet HTML 73Page - Texas Instruments TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments TAS5822MDCPR Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
3. Peak current due to Max output power. Ignore the ripple current flow through capacitor.
Load
spea
power
output
peak
R
Power
Output
Max
I
ker_
_
_
/
_
_
2 u
|
(2)
Same PVDD and switching frequency, larger inductance means smaller idle current for lower power dissipation.
It's suggested that inductor's saturation current Isat, is larger than the amplifier's peak current during power-up
and playing audio. In addition, the effective inductance at the peak current is required to be at least 80% of the
inductance value in LC filter recommendation to meet datasheet specifications.
Table 8-3. LC filter recommendation
Switching Frequency (kHz)
Modulation Scheme
Recommended Minimum Inductance (uH) for LC filter
design
1024
1SPW
3.3 µH (or larger) + Capacitor (0.22uF~0.68uF)
768
4.7 µH (or larger) + Capacitor (0.22uF~0.68uF)
384 or 480
10 µH (or larger) +Capacitor (0.22uF~0.68uF)
384~1024
BD
8.2uH (or Larger) +Capacitor (0.22uF~0.68uF)
8.2.2.2.3 Power Supply Decoupling
To ensure high efficiency, low THD, and high PSRR, proper power supply decoupling is necessary. Noise
transients on the power supply lines are short duration voltage spikes. These spikes can contain frequency
components that extend into the hundreds of megahertz. The power supply input must be decoupled with some
good quality, low ESL, Low ESR capacitors larger than 22 µF. These capacitors bypasses low frequency noise to
the ground plane. For high frequency decoupling, place 1-µF or 0.1-µF capacitors as close as possible to the
PVDD pins of the device.
8.2.2.2.4 Output EMI Filtering
The TAS5822M device is often used with a low-pass filter, which is used to filter out the carrier frequency of the
PWM modulated output. This filter is frequently referred to as the L-C Filter, due to the presence of an inductive
element L and a capacitive element C to make up the 2-pole filter.
The L-C filter removes the carrier frequency, reducing electromagnetic emissions and smoothing the current
waveform which is drawn from the power supply. The presence and size of the L-C filter is determined by several
system level constraints. In some low-power use cases that have no other circuits which are sensitive to EMI, a
simple ferrite bead or a ferrite bead plus a capacitor can replace the tradition large inductor and capacitor that
are commonly used. In other high-power applications, large toroid inductors are required for maximum power
and film capacitors can be used due to audio characteristics. Refer to the application report Class-D LC Filter
Design (SLOA119) for a detailed description on the proper component selection and design of an L-C filter
based upon the desired load and response.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com