Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments TAS5822MDCPR Datasheet HTML 79Page - Texas Instruments TAS5822MDCPR Datasheet HTML 80Page - Texas Instruments TAS5822MDCPR Datasheet HTML 81Page - Texas Instruments TAS5822MDCPR Datasheet HTML 82Page - Texas Instruments TAS5822MDCPR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
10 Layout
10.1 Layout Guidelines
10.1.1 General Guidelines for Audio Amplifiers
Audio amplifiers which incorporate switching output stages must have special attention paid to their layout and
the layout of the supporting components used around them. The system level performance metrics, including
thermal performance, electromagnetic compliance (EMC), device reliability, and audio performance are all
affected by the device and supporting component layout.
Ideally, the guidance provided in the applications section with regard to device and component selection can be
followed by precise adherence to the layout guidance shown in the Section 10.2 section. These examples
represent exemplary baseline balance of the engineering trade-offs involved with lying out the device. These
designs can be modified slightly as needed to meet the needs of a given application. In some applications, for
instance, solution size can be compromised to improve thermal performance through the use of additional
contiguous copper neat the device. Conversely, EMI performance can be prioritized over thermal performance
by routing on internal traces and incorporating a via picket-fence and additional filtering components. In all
cases, it is recommended to start from the guidance shown in the Section 10.2 section and work with TI field
application engineers or through the E2E community to modify it based upon the application specific goals.
10.1.2 Importance of PVDD Bypass Capacitor Placement on PVDD Network
Placing the bypassing and decoupling capacitors close to supply has long been understood in the industry. This
applies to DVDD, AVDD and PVDD. However, the capacitors on the PVDD net for the TAS5822M device
deserve special attention.
The small bypass capacitors on the PVDD lines of the DUT must be placed as close to the PVDD pins as
possible. Not only dose placing these device far away from the pins increase the electromagnetic interference in
the system, but doing so can also negatively affect the reliability of the device. Placement of these components
too far from the TAS5822M device can cause ringing on the output pins that can cause the voltage on the output
pin to exceed the maximum allowable ratings shown in the Absolute Maximum Ratings table, damaging the
deice . For that reason, the capacitors on the PVDD net must be no further away from their associated PVDD
pins than what is shown in the example layouts in the Section 10.2 section.
10.1.3 Optimizing Thermal Performance
Follow the layout example shown in the Figure 10-1 to achieve the best balance of solution size, thermal, audio,
and electromagnetic performance. In some cases, deviation from this guidance can be required due to design
constraints which cannot be avoided. In these instances, the system designer should ensure that the heat can
get out of the device and into the ambient air surrounding the device. Fortunately, the heat created in the device
naturally travels away from the device and into the lower temperature structures around the device.
10.1.3.1 Device, Copper, and Component Layout
Primarily, the goal of the PCB design is to minimize the thermal impedance in the path to those cooler structures.
These tips should be followed to achieve that goal:
• Avoid placing other heat producing components or structures near the amplifier (including above or below in
the end equipment).
• If possible, use a higher layer count PCB to provide more heat sinking capability for the TAS5822M device
and to prevent traces and copper signal and power planes from breaking up the contiguous copper on the top
and bottom layer.
• Place the TAS5822M device away from the edge of the PCB when possible to ensure that the heat can travel
away from the device on all four sides.
• Avoid cutting off the flow of heat from the TAS5822MM device to the surrounding areas with traces or via
strings. Instead, route traces perpendicular to the device and line up vias in columns which are perpendicular
to the device.
• Unless the area between two pads of a passive component is large enough to allow copper to flow in
between the two pads, orient it so that the narrow end of the passive component is facing the TAS5782M
device.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com