Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 44Page - Texas Instruments TAS5822MDCPR Datasheet HTML 45Page - Texas Instruments TAS5822MDCPR Datasheet HTML 46Page - Texas Instruments TAS5822MDCPR Datasheet HTML 47Page - Texas Instruments TAS5822MDCPR Datasheet HTML 48Page - Texas Instruments TAS5822MDCPR Datasheet HTML 49Page - Texas Instruments TAS5822MDCPR Datasheet HTML 50Page - Texas Instruments TAS5822MDCPR Datasheet HTML 51Page - Texas Instruments TAS5822MDCPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
7.6.1.11 SAP_CTRL3 Register (Offset = 35h) [reset = 0x11]
SAP_CTRL3 is shown in Figure 7-23 and described in Table 7-19.
Return to Table 7-7.
Figure 7-23. SAP_CTRL3 Register
7
6
5
4
3
2
1
0
RESERVED
LEFT_DAC_DPATH
RESERVED
RIGHT_DAC_DPATH
R/W
R/W
R/W
R/W
Table 7-19. SAP_CTRL3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00
This bit is reserved
5-4
LEFT_DAC_DPATH
R/W
01
Left DAC Data Path. These bits control the left channel audio data
path connection.
00: Zero data (mute)
01: Left channel data
10: Right channel data
11: Reserved (do not set)
3-2
RESERVED
R/W
00
This bit is reserved
1-0
RIGHT_DAC_DPATH
R/W
01
Right DAC Data Path. These bits control the right channel audio data
path connection.
00: Zero data (mute)
01: Right channel data
10: Left channel data
11: Reserved (do not set)
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
48
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com