Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 60Page - Texas Instruments TAS5822MDCPR Datasheet HTML 61Page - Texas Instruments TAS5822MDCPR Datasheet HTML 62Page - Texas Instruments TAS5822MDCPR Datasheet HTML 63Page - Texas Instruments TAS5822MDCPR Datasheet HTML 64Page - Texas Instruments TAS5822MDCPR Datasheet HTML 65Page - Texas Instruments TAS5822MDCPR Datasheet HTML 66Page - Texas Instruments TAS5822MDCPR Datasheet HTML 67Page - Texas Instruments TAS5822MDCPR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
7.6.1.34 SS_CTRL2 Register (Offset = 6Dh) [reset = 0x50]
SS_CTRL2 is shown in Figure 7-46 and described in Table 7-42.
Return to Table 7-7.
Figure 7-46. SS_CTRL2 Register
7
6
5
4
3
2
1
0
TM_FREQ_CTRL
R/W
Table 7-42. SS_CTRL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
TM_FREQ_CTRL
R/W
01010000
Control ramp frequency in manual mode, F=61440000/N
7.6.1.35 SS_CTRL3 Register (Offset = 6Eh) [reset = 0x11]
SS_CTRL3 is shown in Figure 7-47 and described in Table 7-43.
Return to Table 7-7.
Figure 7-47. SS_CTRL3 Register
7
6
5
4
3
2
1
0
TM_DSTEP_CTRL
TM_USTEP_CTRL
R/W
R/W
Table 7-43. SS_CTRL3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
SS_TM_DSTEP_CTRL
R/W
0001
Control triangel mode spread spectrum fall step in ramp ss manual
mode
3-0
SS_TM_USTEP_CTRL
R/W
0001
Control triangle mode spread spectrum rise step in ramp ss manual
mode
7.6.1.36 SS_CTRL4 Register (Offset = 6Fh) [reset = 0x24]
SS_CTRL4 is shown in Figure 7-48 and described in Table 7-44.
Return to Table 7-7.
Figure 7-48. SS_CTRL4 Register
7
6
5
4
3
2
1
0
RESERVED
TM_AMP_CTRL
SS_TM_PERIOD_BOUNDRY
R/W
R/W
R/W
Table 7-44. SS_CTRL4 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0
This bit is reserved
6-5
TM_AMP_CTRL
R/W
01
Control ramp amp ctrl in ramp ss manual model
4-0
SS_TM_PERIOD_BOUND
RY
R/W
00100
Control triangle mode spread spectrum boundary in ramp ss manual
mode
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com