Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 15Page - Texas Instruments TAS5822MDCPR Datasheet HTML 16Page - Texas Instruments TAS5822MDCPR Datasheet HTML 17Page - Texas Instruments TAS5822MDCPR Datasheet HTML 18Page - Texas Instruments TAS5822MDCPR Datasheet HTML 19Page - Texas Instruments TAS5822MDCPR Datasheet HTML 20Page - Texas Instruments TAS5822MDCPR Datasheet HTML 21Page - Texas Instruments TAS5822MDCPR Datasheet HTML 22Page - Texas Instruments TAS5822MDCPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
100
20
D007
PVCC=22V
TA=25qC
RL=2:
PBTL Mode
D936
f= 1kHz
f= 10kHz
FSW = 768 kHz
Load = 2Ω
PVDD = 22V
Figure 6-45. THD+N vs Output Power
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
D002
PVDD=18V
TA=25qC
RL=4:
PBTL Mode
D938
PO=1W
PO=2.5W
PO=5W
FSW = 768 kHz
Load = 4Ω
PVDD = 18V
Figure 6-46. THD+N vs Frequency
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
D002
PVDD=22V
TA=25qC
RL=4:
PBTL Mode
D939
PO=1W
PO=2.5W
PO=5W
FSW = 768 kHz
Load = 4Ω
PVDD = 22V
Figure 6-47. THD+N vs Frequency
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
D002
PVDD=24V
TA=25qC
RL=4:
PBTL Mode
D940
PO=1W
PO=2.5W
PO=5W
FSW = 768 kHz
Load = 4Ω
PVDD = 24V
Figure 6-48. THD+N vs Frequency
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
D002
PVDD=18V
TA=25qC
RL=3:
PBTL Mode
D941
PO=1W
PO=2.5W
PO=5W
FSW = 768 kHz
Load = 3Ω
PVDD = 18V
Figure 6-49. THD+N vs Frequency
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
100
1k
10k
20
20k
D002
PVDD=22V
TA=25qC
RL=3:
PBTL Mode
D942
PO=1W
PO=2.5W
PO=5W
FSW = 768 kHz
Load = 3Ω
PVDD = 22V
Figure 6-50. THD+N vs Frequency
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com