Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 78 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments TAS5822MDCPR Datasheet HTML 79Page - Texas Instruments TAS5822MDCPR Datasheet HTML 80Page - Texas Instruments TAS5822MDCPR Datasheet HTML 81Page - Texas Instruments TAS5822MDCPR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
9.2 PVDD Supply
The output stage of the speaker amplifier drives the load using the PVDD supply. This is the power supply which
provides the drive current to the load during playback. Proper connection, routing, and decoupling techniques
are highlighted in the EVM and must be followed as closely as possible for proper operation and performance.
Due to the high-voltage switching of the output stage, it is particularly important to properly decouple the output
power stages in the manner described in the TAS5822M device . Lack of proper decoupling, like that shown in
the Section 8, results in voltage spikes which can damage the device.
A separate power supply is required to drive the gates of the MOSFETs used in the output stage of the speaker
amplifier. This power supply is derived from the PVDD supply via an integrated linear regulator. A GVDD pin is
provided for the attachment of decoupling capacitor for the gate drive voltage regulator. It is important to note
that the linear regulator integrated in the device has only been designed to support the current requirements of
the internal circuitry, and should not be used to power any additional external circuitry. Additional loading on this
pin could cause the voltage to sag, negatively affecting the performance and operation of the device.
Another separate power supply is derived from the PVDD supply via an integrated linear regulator is AVDD.
AVDD pin is provided for the attachment of decoupling capacitor for the TAS5822M internal circuitry. It is
important to note that the linear regulator integrated in the device has only been designed to support the current
requirements of the internal circuitry, and should not be used to power any additional external circuitry. Additional
loading on this pin could cause the voltage to sag, negatively affecting the performance and operation of the
device.
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
78
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com