Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 54Page - Texas Instruments TAS5822MDCPR Datasheet HTML 55Page - Texas Instruments TAS5822MDCPR Datasheet HTML 56Page - Texas Instruments TAS5822MDCPR Datasheet HTML 57Page - Texas Instruments TAS5822MDCPR Datasheet HTML 58Page - Texas Instruments TAS5822MDCPR Datasheet HTML 59Page - Texas Instruments TAS5822MDCPR Datasheet HTML 60Page - Texas Instruments TAS5822MDCPR Datasheet HTML 61Page - Texas Instruments TAS5822MDCPR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
7.6.1.26 ADR_PIN_CONFIG Register (Offset = 61h) [reset = 0x00]
ADR_PIN_CONFIG is shown in Figure 7-38 and described in Table 7-34.
Return to Table 7-7.
Figure 7-38. ADR_PIN_CONFIG Register
7
6
5
4
3
2
1
0
RESERVED
ADR_PIN_CONFIG
R/W
Table 7-34. ADR_PIN_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
000
This bit is reserved
4-0
ADR_PIN_CONFIG
R/W
00000
00000: off (low)
00011: Auto mute flag (asserted when both L and R channels are
auto muted)
00100: Auto mute flag for left channel
00101: Auto mute flag for right channel
00110: Clock invalid flag (clock error or clock missing)
00111: Reserved
01000: Reserved
01001: Reserved
01011: ADR as FAULTZ output
7.6.1.27 DSP_MISC Register (Offset = 66h) [reset = 0h]
DSP_MISC is shown in Figure 7-39 and described in Table 7-35.
Return to Table 7-7.
Figure 7-39. DSP_MISC Register
7
6
5
4
3
2
1
0
BYPASS_CONTROL
R/W
Table 7-35. DSP_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
BYPASS CONTROL
R/W
0000
These bits are reserved
3
0
1: Left and Right will have use unique coef
0: Right channel will share left channel coefficient
2
0
This bit is reserved
1
0
1: Bypass DRC
0
0
1: Bypass EQ
7.6.1.28 DIE_ID Register (Offset = 67h) [reset = 0h]
DIE_ID is shown in Figure 7-40 and described in Table 7-36.
Return to Table 7-7.
Figure 7-40. DIE_ID Register
7
6
5
4
3
2
1
0
DIE_ID
R-0h
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
58
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com