Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 74 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 70Page - Texas Instruments TAS5822MDCPR Datasheet HTML 71Page - Texas Instruments TAS5822MDCPR Datasheet HTML 72Page - Texas Instruments TAS5822MDCPR Datasheet HTML 73Page - Texas Instruments TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
bootstrapping the A channel. Similarly, connect another 0.47-µF capacitor between the OUT_B and BST_B pins
for the B channel inverting output.
8.2.2.2.2 Inductor Selections
It is required that the peak current is smaller than the OCP (Over current protection) value which is 7A (Typical) ,
there are 3 cases which cause high peak current flow through inductor.
1. During power up (idle state, no audio input), the duty cycle increases from 0 to θ. There has a start-up current
which flow through inductor to set up the common mode voltage (PVDD×θ).
Note
θ = 0.5 (BD Modulation), 0.14 (1SPW Modulation), 0.14 (Hybrid Modulation)
Start-up Current shows the start-up current related to different Fsw, PVDD, Inductance and different PWM
modulation scheme. Start-up current should within device's OCETHRES.
Table 8-2. Start-up Current
Modulation
Scheme
PVDD (V)
FSW ((kHz))
LC filter
Startup Peak Current (A)
BD
13.5
384
4.7 µH + 0.68 µF
2.88
10 µH + 0.68 µF
2
768
4.7 µH + 0.68 µF
2.64
10 µH + 0.68 µF
1.84
18
384
4.7 µH + 0.68 µF
3.84
10 µH + 0.68 µF
2.64
768
4.7 µH + 0.68 µF
3.52
10 µH + 0.68 µF
2.4
24
384
4.7 µH + 0.68 µF
5.4
10 µH + 0.68 µF
3.76
768
4.7 µH + 0.68 µF
5
10 µH + 0.68 µF
3.12
1SPW
13.5
384
4.7 µH + 0.68 µF
1.28
10 µH + 0.68 µF
0.96
768
4.7 µH + 0.68 µF
1.12
10 µH + 0.68 µF
0.72
18
384
4.7 µH + 0.68 µF
1.84
10 µH + 0.68 µF
1.2
768
4.7 µH + 0.68 µF
1.52
10 µH + 0.68 µF
1.04
24
384
4.7 µH + 0.68 µF
2.6
10 µH + 0.68 µF
1.6
768
4.7 µH + 0.68 µF
2.4
10 µH + 0.68 µF
1.36
Figure 8-3 and Figure 8-4 shows how modulation scheme affect the start-up current. OUTP_PWM is Class D
amplifier's PWM output, OUTP_FILTER is the common mode voltage on the capacitor of LC filter.
2. During music playing, some audio burst signal (high frequency) with very hard PVDD clipping will cause
PWM duty cycle increase dramatically. This is the worst case and it rarely happens.
)
/(
)
1
(
_
L
F
PVDD
I
sw
clipping
peak
u
u
|
T
(1)
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
74
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com