Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 19Page - Texas Instruments TAS5822MDCPR Datasheet HTML 20Page - Texas Instruments TAS5822MDCPR Datasheet HTML 21Page - Texas Instruments TAS5822MDCPR Datasheet HTML 22Page - Texas Instruments TAS5822MDCPR Datasheet HTML 23Page - Texas Instruments TAS5822MDCPR Datasheet HTML 24Page - Texas Instruments TAS5822MDCPR Datasheet HTML 25Page - Texas Instruments TAS5822MDCPR Datasheet HTML 26Page - Texas Instruments TAS5822MDCPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
capacitor must be connected from each bootstrap pin (BST_x) to the power-stage output pin (OUT_x). When the
power-stage output is low, the bootstrap capacitor is charged through an internal diode connected between the
gate-drive regulator output pin (AVDD) and the bootstrap pin. When the power-stage output is high, the
bootstrap capacitor potential is shifted above the output potential and thus provides a suitable voltage supply for
the high-side gate driver.
7.3.2 Device Clocking
The TAS5822M devices have flexible systems for clocking. Internally, the device requires a number of clocks,
mostly at related clock rates to function correctly. All of these clocks can be derived from the Serial Audio
Interface.
Serial Audio
Interface (Input)
DSP
(Including
interpolator)
Delta Sigma
Modulator
DAC
Audio In
LRCLK/FS
DSPCLK
OSRCLK
DACCLK
Figure 7-1. Audio Flow with Respective Clocks
Figure 7-1 shows the basic data flow and clock Distribution.
The Serial Audio Interface typically has 3 connection pins which are listed as follows:
• SCLK (Bit Clock)
• LRCLK/FS (Left Right Word Clock and Frame Sync)
• SDIN (Input Data)
The device has an internal PLL that is used to take SCLK and create the higher rate clocks required by the DSP
and the DAC clock.
The device has an audio sampling rate detection circuit that automatically senses which frequency the sampling
rate is operating. Common audio sampling frequencies of 32 kHz, 44.1kHz – 48 kHz, 88.2 kHz – 96 kHz are
supported. The sampling frequency detector sets the clock for DAC and DSP automatically.
7.3.3 Serial Audio Port – Clock Rates
The serial audio interface port is a 3-wire serial port with the signals LRCLK/FS , SCLK and SDIN. SCLK is the
serial audio bit clock, used to clock the serial data present on SDIN into the serial shift register of the audio
interface. Serial data is clocked into the TAS5822M device on the rising edge of SCLK. The LRCK/FS pin is the
serial audio left/right word clock or frame sync when the device is operated in TDM Mode.
Table 7-1. Audio Data Formats, Bit Depths and Clock Rates
FORMAT
DATA BITS
MAXIMUM LRCLK/FS FREQUENCY
(kHz)
SCLK RATE (fS)
I2S/LJ/RJ
32, 24, 20, 16
32 to 96
64, 32
TDM
32, 24, 20, 16
32
128
44.1,48
128,256,512
96
128,256
Before DSP register initialize with I 2C during the startup , requires stable I 2S ready. When Clock halt, non-
supported SCLK to LRCLK(FS) ratio is detected, the device reports Clock Error in Register 113 (Register
Address 0x71).
7.3.4 Clock Halt Auto-recovery
As some of host processor will Halt the I2S clock when there is no audio playing. When Clock halt, the device
puts all channels into the Hi-Z state and reports Clock Error in Register 113 (Register Address 0x71). After audio
clocks recovery, the device automatically returns to the previous state.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com