Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 89 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 82Page - Texas Instruments TAS5822MDCPR Datasheet HTML 83Page - Texas Instruments TAS5822MDCPR Datasheet HTML 84Page - Texas Instruments TAS5822MDCPR Datasheet HTML 85Page - Texas Instruments TAS5822MDCPR Datasheet HTML 86Page - Texas Instruments TAS5822MDCPR Datasheet HTML 87Page - Texas Instruments TAS5822MDCPR Datasheet HTML 88Page - Texas Instruments TAS5822MDCPR Datasheet HTML 89Page - Texas Instruments TAS5822MDCPR Datasheet HTML 90Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 89 / 90 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
38X (1.5)
38X (0.3)
36X (0.5)
(5.8)
(R0.05) TYP
(4.7)
BASED ON
0.125 THICK
STENCIL
(2.9)
BASED ON
0.125 THICK
STENCIL
PowerPAD TSSOP - 1.2 mm max height
DCP0038A
SMALL OUTLINE PACKAGE
4218816/A 10/2018
2.45 X 3.97
0.175
2.65 X 4.29
0.15
2.90 X 4.70 (SHOWN)
0.125
3.24 X 5.25
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE: 8X
SYMM
SYMM
1
19
20
38
METAL COVERED
BY SOLDER MASK
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com