Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 32Page - Texas Instruments TAS5822MDCPR Datasheet HTML 33Page - Texas Instruments TAS5822MDCPR Datasheet HTML 34Page - Texas Instruments TAS5822MDCPR Datasheet HTML 35Page - Texas Instruments TAS5822MDCPR Datasheet HTML 36Page - Texas Instruments TAS5822MDCPR Datasheet HTML 37Page - Texas Instruments TAS5822MDCPR Datasheet HTML 38Page - Texas Instruments TAS5822MDCPR Datasheet HTML 39Page - Texas Instruments TAS5822MDCPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
registers in Page 0x00 of Book 0x8C. XOR checksum is read from location register 0x7D on page 0x00 of book
0x8C (B_140, Page_0, Reg_125). The XOR Checksum can be reset by writing 0x00 to the same register
location where it is read.
7.5.3 Control via Software
• Startup Procedures
• Shutdown Procedures
7.5.3.1 Startup Procedures
1. Configure ADR/ FAULT pin with proper setting for I2C device address.
2. Bring up power supplies (it does not matter if PVDD or DVDD comes up first).
3. Once all power supplies are stable, bring up the PDN HIGH.
4. Once I2S clock are stable, configure the device via the I2C control port based on the user cases (Make sure
the PDN pin = HIGH before I2C control port operating).
5. The device is now in normal operation.
Figure 7-15. Startup sequence
I
2S
I
2S
I
2S
I
2S
I
2S
I
2S
I
2S
Deep sleep
DSP Coeff
Play
I
2S
I
2S
Initialization
Normal Operation
5 ms for device settle down
Set to Hi-Z state
(Enable DSP)
No sequence requirement
PVDD stable
DVDD stable
DVDD
PVDD
PDN
I
2S
I
2C
I
2S
No sequence requirement
7.5.3.2 Shutdown Procedures
1. The device is in normal operation.
2. Configure the Register 0x03h -D[1:0]=00 (DEEP SLEEP) via the I2C control port or Pull PDN low.
3. The clocks can now be stopped and the power supplies brought down.
4. The device is now fully shutdown and powered off.
x
Before PVDD/DVDD power down, Class D Output driver needs to be disabled by PDN or by I
2C.
x
At least 6ms delay needed based on LRCLK (Fs) = 48kHz,Digital volume ramp down update every sample period,
decreased by 0.5dB for each update, digital volume =24dB. Change the value of register 0x4C and 0x4E or change
the LRCLK rate, the delay changes.
6ms
0ms
PDN
PVDD
I
2C
DVDD
4.5V
I
2C
I
2C
I
2C
Output Hiz
6ms
Figure 7-16. Power down sequence
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
36
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com