Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 39Page - Texas Instruments TAS5822MDCPR Datasheet HTML 40Page - Texas Instruments TAS5822MDCPR Datasheet HTML 41Page - Texas Instruments TAS5822MDCPR Datasheet HTML 42Page - Texas Instruments TAS5822MDCPR Datasheet HTML 43Page - Texas Instruments TAS5822MDCPR Datasheet HTML 44Page - Texas Instruments TAS5822MDCPR Datasheet HTML 45Page - Texas Instruments TAS5822MDCPR Datasheet HTML 46Page - Texas Instruments TAS5822MDCPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
7.6.1.4 I2C_PAGE_AUTO_INC Register (Offset = Fh) [reset = 0x00]
I2C_PAGE_AUTO_INC is shown in Figure 7-16 and described in Table 7-12.
Return to Table 7-7.
Figure 7-16. I2C_PAGE_AUTO_INC Register
7
6
5
4
3
2
1
0
RESERVED
PAGE_AUTOIN
C_REG
RESERVED
R/W
R/W
R/W
Table 7-12. I2C_PAGE_AUTO_INC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0000
This bit is reserved
3
PAGE_AUTOINC_REG
R/W
0
Page auto increment disable
Disable page auto increment mode. for non -zero books. When end
of page is reached it goes back to 8th address location of next page
when this bit is 0. When this bit is 1 it goes to 0 th location of current
page itself like in older part.
0: Enable Page auto increment
1: Disable Page auto increment
2-0
RESERVED
R/W
000
This bit is reserved
7.6.1.5 SIG_CH_CTRL Register (Offset = 28h) [reset = 0x00]
SIG_CH_CTRL is shown in Figure 7-17 and described in Table 7-13.
Return to Table 7-7.
Figure 7-17. SIG_CH_CTRL Register
7
6
5
4
3
2
1
0
BCK_RATIO_CONFIGURE
FS_MODE
R/W
R/W
Table 7-13. SIG_CH_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
BCK_RATIO_CONFIGUR
E
R/W
0000
These bits indicate the configured BCK ratio, the number of BCK
clocks in one audio frame.
4'b0011:32FS
4'b0101:64FS
4'b0111:128FS
4'b1001:256FS
4'b1011:512FS
3-0
FS_MODE
R/W
0000
FS Speed Mode These bits select the FS operation mode, which
must be set according to the current audio sampling rate.
4 'b0000 Auto detection
4 'b0110 32KHz
4 'b1000 44.1KHz
4'b1001 48KHz
4 'b1010 88.2KHz
4 'b1011 96KHz
Others Reserved
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com