Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 61Page - Texas Instruments TAS5822MDCPR Datasheet HTML 62Page - Texas Instruments TAS5822MDCPR Datasheet HTML 63Page - Texas Instruments TAS5822MDCPR Datasheet HTML 64Page - Texas Instruments TAS5822MDCPR Datasheet HTML 65Page - Texas Instruments TAS5822MDCPR Datasheet HTML 66Page - Texas Instruments TAS5822MDCPR Datasheet HTML 67Page - Texas Instruments TAS5822MDCPR Datasheet HTML 68Page - Texas Instruments TAS5822MDCPR Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
7.6.1.37 CHAN_FAULT Register (Offset = 70h) [reset = 0x00]
CHAN_FAULT is shown in Figure 7-49 and described in Table 7-45.
Return to Table 7-7.
Figure 7-49. CHAN_FAULT Register
7
6
5
4
3
2
1
0
RESERVED
CH1_DC_1
CH2_DC_1
CH1_OC_I
CH2_OC_I
R
R
R
R
R
Table 7-45. CHAN_FAULT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0000
This bit is reserved
3
CH1_DC_1
R
0
Left channel DC fault.
Once there is a DC fault, this bit will set to 1. Class D output will set
to Hi-Z. Report by FAULT pin (Pin 10).
Clear this fault by setting bit 7 of Section 7.6.1.44 to 1 or this bit
keeps 1.
2
CH2_DC_1
R
0
Right channel DC fault.
Once there is a DC fault, this bit will set to 1. Class D output will set
to Hi-Z. Report by FAULT pin (Pin 10).
Clear this fault by setting bit 7 of Section 7.6.1.44 to 1 or this bit
keeps 1.
1
CH1_OC_I
R
0
Left channel over current fault.
Once there is an OC fault, this bit will set to 1. Class D output will set
to Hi-Z. Report by FAULT pin (Pin 10).
Clear this fault by setting bit 7 of Section 7.6.1.44 to 1 or this bit
keeps 1.
0
CH2_OC_I
R
0
Right channel over current fault.
Once there is an OC fault, this bit will set to 1. Class D output will set
to Hi-Z. Report by FAULT pin (Pin 10).
Clear this fault by setting bit 7 of Section 7.6.1.44 to 1 or this bit
keeps 1.
7.6.1.38 GLOBAL_FAULT1 Register (Offset = 71h) [reset = 0h]
GLOBAL_FAULT1 is shown in Figure 7-50 and described in Table 7-46.
Return to Table 7-7.
Figure 7-50. GLOBAL_FAULT1 Register
7
6
5
4
3
2
1
0
OTP_CRC_ER
ROR
BQ_WR_ERRO
R
CLK_FAULT_I
PVDD_OV_I
PVDD_UV_I
R
R
R
R
R
Table 7-46. GLOBAL_FAULT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OTP_CRC_ERROR
R
0h
Indicate OTP CRC check error.
6
BQ_WR_ERROR
R
0h
The recent BQ is written failed
5-3
RESERVED
R
0h
This bit is reserved
2
CLK_FAULT_I
R
0h
Clock fault.
Once there is a Clock fault, this bit will set to 1. Class D output will
set to Hi-Z. Report by FAULT pin (Pin 10).
Clock fault works with an auto-recovery mode, once the clock error
removes, device automatically returns to the previous state.
Clear this fault by setting bit 7 of Section 7.6.1.44 to 1 or this bit
keeps 1.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com