Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 77 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 73Page - Texas Instruments TAS5822MDCPR Datasheet HTML 74Page - Texas Instruments TAS5822MDCPR Datasheet HTML 75Page - Texas Instruments TAS5822MDCPR Datasheet HTML 76Page - Texas Instruments TAS5822MDCPR Datasheet HTML 77Page - Texas Instruments TAS5822MDCPR Datasheet HTML 78Page - Texas Instruments TAS5822MDCPR Datasheet HTML 79Page - Texas Instruments TAS5822MDCPR Datasheet HTML 80Page - Texas Instruments TAS5822MDCPR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 90 page
background image
9 Power Supply Recommendations
The device requires three power supplies for proper operation. A high-voltage supply calls PVDD is required to
power the output stage of the speaker amplifier and its associated circuitry. One low-voltage power supply which
is calls DVDD is required to power the various low-power portions of the device. The allowable voltage range for
both PVDD and DVDD supply are listed in the Recommended Operating Conditions table. The two power
supplies do not have a required power-up sequence. The power supplies can be powered on in any order. But
once the device has been initialized, PVDD must keep within the normal operation voltage. Once PVDD lower
than 3.5V, all registers need re-initialize again. Recommends waiting 1 ms to 5 ms for the DVDD power supplies
to stabilize before starting I2C communication and providing stable I2S clock before enabling the device outputs.
DVDD
1.8V/3.3VÅ
LDO
Digital IO
Internal Digital
Circuitry
VR_DIG
1.5V
DVDD
PVDD
PVDD
4.5V~26.4V
LDO
AVDD
5V
Output Stage
Power Supply
Gate Drive/Internal
Analog Circuitry
External Filtering/Decoupling
External Filtering/Decoupling
Copyright © 2018, Texas Instruments Incorporated
Figure 9-1. Power Supply Function Block Diagram
9.1 DVDD Supply
The DVDD supply that is required from the system is used to power several portions of the device. As shown in
Figure 9-1, it provides power to the DVDD pin. Proper connection, routing and decoupling techniques are
highlighted in the Section 8 section and the Section 10.2 section and must be followed as closely as possible for
proper operation and performance.
Some portions of the device also require a separate power supply that is a lower voltage than the DVDD supply.
To simplify the power supply requirements for the system, the TAS5822M device includes an integrated low
dropout (LDO) linear regulator to create this supply. This linear regulator is internally connected to the DVDD
supply and its output is presented on the VR_REG pin, providing a connection point for an external bypass
capacitor. It is important to note that the linear regulator integrated in the device has only been designed to
support the current requirements of the internal circuitry, and should not be used to power any additional external
circuity. Additional loading on this pin could cause the voltage to sag, negatively affecting the performance and
operation of the device.
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com