Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 42Page - Texas Instruments TAS5822MDCPR Datasheet HTML 43Page - Texas Instruments TAS5822MDCPR Datasheet HTML 44Page - Texas Instruments TAS5822MDCPR Datasheet HTML 45Page - Texas Instruments TAS5822MDCPR Datasheet HTML 46Page - Texas Instruments TAS5822MDCPR Datasheet HTML 47Page - Texas Instruments TAS5822MDCPR Datasheet HTML 48Page - Texas Instruments TAS5822MDCPR Datasheet HTML 49Page - Texas Instruments TAS5822MDCPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
7.6.1.8 I2S_CTRL Register (Offset = 31h) [reset = 0x00]
I2S_CTRL is shown in Figure 7-20 and described in Table 7-16.
Return to Table 7-7.
Figure 7-20. I2S_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
BCK_INV
RESERVED
RESERVED
RESERVED
R/W
R/W
R/W
R
R
R/W
Table 7-16. I2S_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00
This bit is reserved
5
BCK_INV
R/W
0
BCK Polarity
This bit sets the inverted BCK mode. In inverted BCK mode, the
DAC assumes that the LRCK and DIN edges are aligned to the rising
edge of the BCK. Normally they are assumed to be aligned to the
falling edge of the BCK.
0: Normal BCK mode
1: Inverted BCK mode
4-0
RESERVED
R/W
00000
This bit is reserved
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com