Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 29Page - Texas Instruments TAS5822MDCPR Datasheet HTML 30Page - Texas Instruments TAS5822MDCPR Datasheet HTML 31Page - Texas Instruments TAS5822MDCPR Datasheet HTML 32Page - Texas Instruments TAS5822MDCPR Datasheet HTML 33Page - Texas Instruments TAS5822MDCPR Datasheet HTML 34Page - Texas Instruments TAS5822MDCPR Datasheet HTML 35Page - Texas Instruments TAS5822MDCPR Datasheet HTML 36Page - Texas Instruments TAS5822MDCPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
Note
1) With Hybrid Modulation, users need to input the system's PVDD value via device development App.
2) With Hybrid Modulation, Change device state from Deep Sleep Mode to Play Mode, specific
sequence is required:
1. Set device's PWM Modulation to BD or 1SPW mode via Register (Book0/Page0/Register0x02h, Bit
[1:0]).
2. Set device to Hi-Z state via Register (Book0/Page0/Register0x03h, Bit [1:0]).
3. Delay 2ms.
4. Set device's PWM Modulation to Hybrid mode via Register (Book0/Page0/Register0x02h, Bit [1:0]).
5. Delay 15ms.
6. Set device to Play state via Register (Book0/Page0/Register0x03h, Bit [1:0]).
7.5 Programming and Control
7.5.1 I2 C Serial Communication Bus
The device has a bidirectional serial control interface that is compatible with the Inter IC ( I2)C bus protocol and
supports 100 and 400-kHz data transfer rates for random and sequential write and read operations as a slave
device. Because the TAS5822M register map and DSP memory spans multi pages, the user should change from
page to page before writing individual register or DSP memory. Changing from page to page is accomplished via
register 0 on each page. This register value selects the page address, from 0 to 255.
7.5.2 Slave Address
The TAS5822M device has 7 bits for the slave address. The first five bits (MSBs) of the slave address are
factory preset to 01011(0x5x). The next two bits of address byte are the device select bits which can be user-
defined by ADR/ FAULT pin in Table 7-6.
Table 7-6. I2 C Slave Address Configuration
ADR/ FAULT PIN
Configuration
MSBs
User Define
LSB
4.7k Ω to DVDD
0
1
0
1
1
0
0
R/ W
15kΩ to DVDD
0
1
0
1
1
0
1
R/ W
47kΩ to DVDD
0
1
0
1
1
1
0
R/ W
120kΩ to DVDD
0
1
0
1
1
1
1
R/ W
7.5.2.1 Random Write
As shown in Figure 7-11, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a write data transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the device responds with an acknowledge bit. Next, the master transmits the address byte
corresponding to the internal memory address being accessed. After receiving the address byte, the device
again responds with an acknowledge bit. Next, the master device transmits the data byte to be written to the
memory address being accessed. After receiving the data byte, the device again responds with an acknowledge
bit. Finally, the master device transmits a stop condition to complete the single-byte data-write transfer.
Acknowledge
Acknowledge
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
Data Byte
Stop
Condition
ACK
A1
A0 ACK
A3
A2
A4
A5
A1
A3
A2
A6
A5
A4
A0 R/W ACK A7
A6
D7
D6
D5
D4
D3
D2
D1
D0
Figure 7-11. Random Write Transfer
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com