Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 40Page - Texas Instruments TAS5822MDCPR Datasheet HTML 41Page - Texas Instruments TAS5822MDCPR Datasheet HTML 42Page - Texas Instruments TAS5822MDCPR Datasheet HTML 43Page - Texas Instruments TAS5822MDCPR Datasheet HTML 44Page - Texas Instruments TAS5822MDCPR Datasheet HTML 45Page - Texas Instruments TAS5822MDCPR Datasheet HTML 46Page - Texas Instruments TAS5822MDCPR Datasheet HTML 47Page - Texas Instruments TAS5822MDCPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
7.6.1.6 CLOCK_DET_CTRL Register (Offset = 29h) [reset = 0x00]
CLOCK_DET_CTRL is shown in Figure 7-18 and described in Table 7-14.
Return to Table 7-7.
Figure 7-18. CLOCK_DET_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
DIS_DET_PLL
DIS_DET_BCL
K_RANGE
DIS_DET_FS
DIS_DET_BCL
K
DIS_DET_MISS
RESERVED
DIS_DET_LOC
K
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 7-14. CLOCK_DET_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0
This bit is reserved
6
DIS_DET_PLL
R/W
0
Ignore PLL overate Detection
This bit controls whether to ignore the PLL overrate detection. The
PLL must be slow than 150MHz or an error will be reported. When
ignored, a PLL overrate error will not cause a clock error.
0: Regard PLL overrate detection
1: Ignore PLL overrate detection
5
DIS_DET_BCLK_RANGE R/W
0
Ignore BCK Range Detection
This bit controls whether to ignore the BCK range detection. The
BCK must be stable between 256KHz and 50MHz or an error will be
reported. When ignored, a BCK range error will not cause a clock
error.
0: Regard BCK Range detection
1: Ignore BCK Range detection
4
DIS_DET_FS
R/W
0
Ignore FS Error Detection
This bit controls whether to ignore the FS Error detection. When
ignored, FS error will not cause a clock error.But CLKDET_STATUS
will report fs error.
0: Regard FS detection
1: Ignore FS detection
3
DIS_DET_BCLK
R/W
0
Ignore BCK Detection
This bit controls whether to ignore the BCK detection against LRCK.
The BCK must be stable between 32FS and 512FS inclusive or an
error will be reported. When ignored, a BCK error will not cause a
clock error.
0: Regard BCK detection
1: Ignore BCK detection
2
DIS_DET_MISS
R/W
0
Ignore BCK Missing Detection
This bit controls whether to ignore the BCK missing detection. When
ignored an BCK missing will not cause a clock error.
0: Regard BCK missing detection
1: Ignore BCK missing detection
1
RESERVED
R/W
0
This bit is reserved
0
DIS_DET_LOCK
R/W
0
This bit is reserved
7.6.1.7 SDOUT_SEL Register (Offset = 30h) [reset = 0h]
SDOUT_SEL is shown in Figure 7-19 and described in Table 7-15.
Return to Table 7-7.
Figure 7-19. SDOUT_SEL Register
7
6
5
4
3
2
1
0
RESERVED
SDOUT_SEL
R/W
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
44
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com