Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5822MDCPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822MDCPR
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822MDCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5822MDCPR Datasheet HTML 5Page - Texas Instruments TAS5822MDCPR Datasheet HTML 6Page - Texas Instruments TAS5822MDCPR Datasheet HTML 7Page - Texas Instruments TAS5822MDCPR Datasheet HTML 8Page - Texas Instruments TAS5822MDCPR Datasheet HTML 9Page - Texas Instruments TAS5822MDCPR Datasheet HTML 10Page - Texas Instruments TAS5822MDCPR Datasheet HTML 11Page - Texas Instruments TAS5822MDCPR Datasheet HTML 12Page - Texas Instruments TAS5822MDCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
6.5 Electrical Characteristics (continued)
Free-air room temperature 25°C, 1SPW Mode, LC filter=4.7uH+0.68uF, Fsw=768kHz, Class D Bandwidth=175kHz, (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Signal-to-noise ratio
A-Weighted, referenced to 1% THD+N
Output
Level, VPVDD=24V
111
dB
A-Weighted, referenced to 1% THD+N
Output
Level, VPVDD=13.5V
106
dB
PSRR
Power supply rejection
ratio
Injected Noise = 1 KHz, 1 Vrms, VPVDD =
13.5 V,
input audio signal = digital zero
72
dB
X-talkSPK
Cross-talk (worst case
between left-to-right and
right-to-left coupling)
f = 1 KHz, based on Inductor
(DFEG7030D-4R7)
from Murata
100
dB
AUDIO PERFORMANCE (MONO PBTL)
|VOS|
Amplifier offset voltage
Measured differentially with zero input data,
programmable gain configured with 29.4dBV
Analog gain, VPVDD = 18 V, 1SPW
Modulation
–6.5
6.5
mV
PO(SPK)
Output Power
VPVDD = 24 V, RSPK = 4 Ω, f = 1KHz, THD+N
=1%
65
W
VPVDD = 18 V, RSPK = 3 Ω, f = 1KHz, THD+N
=1%
45
W
VPVDD = 18 V, RSPK = 3 Ω, f = 1KHz, THD+N
=10%
55
W
THD+NSPK
Total harmonic distortion
and
noise
(PO = 1 W, f = 1 KHz)
VPVDD = 18 V, LC-filter, RSPK = 3 Ω
0.05
%
VPVDD = 24 V, LC-filter, RSPK = 4 Ω
0.02
%
DR
Dynamic range
A-Weighted, -60 dBFS method, VPVDD=24V,
RSPK= 3 Ω.
111
dB
SNR
Signal-to-noise ratio
A-Weighted, referenced to 1% THD+N
Output
Level, VPVDD=18V, RSPK = 3 Ω
108
dB
A-Weighted,referenced to 1% THD+N
Output
Level, VPVDD=13.5V, RSPK = 2 Ω
106
dB
PSRR
Power supply rejection
ratio
Injected Noise = 1 KHz, 1 Vrms,VPVDD = 18
V,
input audio signal = digital zero
72
dB
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com