Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 103Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 104Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 105Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 106Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 107Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 108Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 109Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 110Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 237 page
background image
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 50 MHz crystal/ceramic resonator oscillator.
All the information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 49. 4-50 MHz HSE oscillator characteristics. In the application, the resonator and
the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output
distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
Table 49. 4-50 MHz HSE oscillator characteristics
Symbol
Parameter
Operating conditions(1)
Min(2)
Typ(2)
Max(2)
Unit
F
Oscillator frequency
-
4
-
50
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(3)
-
-
4
mA
VDD=3 V, Rm=30 Ω
CL=10 pF at 4 MHz
-
0.35
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 8 MHz
-
0.40
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 16 MHz
-
0.45
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 32 MHz
-
0.65
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 48 MHz
-
0.95
-
Gmcritmax
Maximum critical crystal gm
Startup
-
-
1.5
mA/V
tSU(4)
Start-up time
VDD is stabilized
-
2
-
ms
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. Guaranteed by design.
3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is
measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 25 pF range
(typical), designed for high-frequency applications, and selected to match the requirements of the crystal or
resonator (see Figure 32. Typical application with an 8 MHz crystal). CL1 and CL2 are usually the same size. The
crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. The
PCB and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin
and board capacitance) when sizing CL1 and CL2.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 107/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com