Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 104Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 105Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 106Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 107Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 108Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 109Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 110Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 111Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 237 page
background image
Figure 32. Typical application with an 8 MHz crystal
OSC_ OU T
OSC_ IN
fHS E
C L1
R F
STM32
8 MHz
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
R EXT (1)
C L2
1.
REXT value depends on the crystal characteristics.
Low-speed external clock generated from a crystal/ceramic resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator.
All the information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 50. Low-speed external user clock characteristics. In the application, the resonator
and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output
distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
Table 50. Low-speed external user clock characteristics
Symbol
Parameter
Operating conditions(1)
Min(2)
Typ(2)
Max(2)
Unit
F
Oscillator frequency
-
-
32.768
-
kHz
IDD
LSE current consumption
LSEDRV[1:0] = 00,
Low drive capability
-
290
-
nA
LSEDRV[1:0] = 01,
Medium Low drive capability
-
390
-
LSEDRV[1:0] = 10,
Medium high drive capability
-
550
-
LSEDRV[1:0] = 11,
High drive capability
-
900
-
Gmcritmax
Maximum critical crystal gm
LSEDRV[1:0] = 00,
Low drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 01,
Medium Low drive capability
-
-
0.75
LSEDRV[1:0] = 10,
Medium high drive capability
-
-
1.7
LSEDRV[1:0] = 11,
High drive capability
-
-
2.7
tSU(3)
Startup time
VDD is stabilized
-
2
-
s
1. Refer to the note and caution paragraphs below the table, and to the application note AN2867 “Oscillator design guide for ST
microcontrollers.
2. Guaranteed by design.
3. tSU is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768k Hz oscillation is reached. This value is
measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 108/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com