Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 112Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 113Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 114Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 115Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 116Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 117Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 118Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 119Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 237 page
background image
6.3.15
I/O current injection characteristics
As a general rule, a current injection to the I/O pins, due to external voltage below VSS or above VDD (for
standard, 3.3 V-capable I/O pins) should be avoided during the normal product operation. However, in order
to give an indication of the robustness of the microcontroller in cases when an abnormal injection accidentally
happens, susceptibility tests are performed on a sample basis during the device characterization.
Functional susceptibility to I/O current injection
While a simple application is executed on the device, the device is stressed by injecting current into the I/O pins
programmed in floating input mode. While current is injected into the I/O pin, one at a time, the device is checked
for functional failures.
The failure is indicated by an out of range parameter: ADC error above a certain limit (higher than 5 LSB TUE),
out of conventional limits of induced leakage current on adjacent pins (out of –5 µA/+0 µA range), or other
functional failure (for example reset, oscillator frequency deviation).
The following tables are the compilation of the SIC1/SIC2 and functional ESD results.
Negative induced A negative induced leakage current is caused by negative injection and positive induced
leakage current by positive injection.
Table 64. I/O current injection susceptibility
Symbol
Description
Functional susceptibility
Unit
Negative injection Positive injection
IINJ
PF2, PI12
0
NA
mA
PG1, PE9, PB0, PA7, PC4, PC5, PE7, PE8, PA4, PA5, PA6, PF2, PI12, PC2_C,
PC3_C, PA0_C, PA1_C, BOOT0
0
0
All other I/Os
5
NA
6.3.16
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 65. I/O static characteristics are derived from tests
performed under the conditions summarized in Table 22. General operating conditions. All I/Os are CMOS and
TTL compliant (except for BOOT0).
Note:
For information on GPIO configuration, refer to the application note AN4899 “STM32 GPIO configuration for
hardware settings and low-power consumption” available from the ST website www.st.com.
Table 65. I/O static characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
I/O input low-level voltage except BOOT0
1.62 V < VDDIOx < 3.6 V
-
-
0.3VDD (1)
V
I/O input low-level voltage except BOOT0
-
-
0.4VDD−0.1(2)
BOOT0 I/O input low level voltage
-
-
0.19VDD+0.1(2)
VIH
I/O input high level voltage except BOOT0
1.62 V < VDDIOx < 3.6 V
0.7VDD (1)
-
-
V
I/O input high level voltage except BOOT0
0.47VDD+0.25(2)
-
-
BOOT0 I/O input high level voltage
0.17VDD+0.6(2)
-
-
VHYS(2)
TT_xx, FT_xxx and NRST I/O input hysteresis
1.62 V < VDDIOx < 3.6 V
-
250
-
mV
BOOT0 I/O input hysteresis
-
200
-
Ilkg
FT_xx input leakage current(2)
0 < VIN ≤ Max(VDDxxx)(5)
-
-
±250
nA
Max(VDDxxx) < VIN ≤ 5.5 V (3)(4)(5)
-
-
1500
FT_u I/O
0 < VIN ≤ Max(VDDxxx)(5)
-
-
±350
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 116/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com