Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 115Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 116Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 117Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 118Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 119Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 120Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 121Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 122Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 237 page
background image
Symbol
Parameter
Conditions(1)
Min
Max
Unit
VOL(3)
V
Output low level voltage
TTL port(2) IIO = 3 mA, 2.7 V≤ VDD ≤ 3.6 V
-
0.4
VOH(3)
Output high level voltage
TTL port(2) IIO=−3 mA, 2.7 V ≤ VDD ≤ 3.6 V
2.4
-
VOL(3)
Output low level voltage
IIO = 1.5 mA, 1.62 V ≤ VDD ≤ 3.6 V
-
0.4
VOH (3)
Output high level voltage
IIO = −1.5 mA, 1.62 V ≤ VDD < 3.6 V
VDD−0.4
-
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in
Table 19. Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins)
must always respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.
Output buffer timing characteristics (HSLV option disabled)
The HSLV bit of SYSCFG_CCCSR register can be used to optimize the I/O speed when the product voltage is
below 2.7 V.
Table 68. Output timing characteristics (HSLV OFF)
The frequency of the GPIOs that can be supplied in VBAT mode (PC13, PC14, PC15 and PI8) is limited to 2 MHz.
Speed Symbol
Parameter
conditions
Min(1) Max(1) Unit
00
Fmax(2)
Maximum frequency
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
12
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
3
C=30 pF, 2.7 V≤VDD≤3.6 V
-
12
C=30 pF, 1.62 V≤VDD≤2.7 V
-
3
C=10 pF, 2.7 V≤VDD≤3.6 V
-
16
C=10 pF, 1.62 V≤VDD≤2.7 V
-
4
tr/tf (3)
Output high to low level fall time and output low to
high level rise time
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
16.6
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
33.3
C=30 pF, 2.7 V≤VDD≤3.6 V
-
13.3
C=30 pF, 1.62 V≤VDD≤2.7 V
-
25
C=10 pF, 2.7 V≤VDD≤3.6 V
-
10
C=10 pF, 1.62 V≤VDD≤2.7 V
-
20
01
Fmax(2)
Maximum frequency
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
60
MHz
C=50 pF, 1.62 V≤VDD≤2.7 V
-
15
C=30 pF, 2.7 V≤VDD≤3.6 V
-
80
C=30 pF, 1.62 V≤VDD≤2.7 V
-
15
C=10 pF, 2.7 V≤VDD≤3.6 V
-
110
C=10 pF, 1.62 V≤VDD≤2.7 V
-
20
tr/tf (3)
Output high to low level fall time and output low to
high level rise time
C=50 pF, 2.7 V≤ VDD≤3.6 V
-
5.2
ns
C=50 pF, 1.62 V≤VDD≤2.7 V
-
10
C=30 pF, 2.7 V≤VDD≤3.6 V
-
4.2
C=30 pF, 1.62 V≤VDD≤2.7 V
-
7.5
C=10 pF, 2.7 V≤VDD≤3.6 V
-
2.8
C=10 pF, 1.62 V≤VDD≤2.7 V
-
5.2
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 119/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com