Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 118Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 119Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 120Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 121Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 122Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 123Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 124Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 125Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 237 page
background image
Table 71. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RPU(1)
Weak pull-up equivalent resistor(2)
VIN = VSS
30
40
50
㏀
VF(NRST)(1)
NRST Input filtered pulse
1.71 V < VDD < 3.6 V
-
-
50
ns
VNF(NRST)(1)
NRST Input not filtered pulse
1.71 V < VDD < 3.6 V
350
-
-
1.62 V < VDD < 3.6 V
1000
-
-
1. Guaranteed by design.
2. The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution to the series
resistance must be minimum (~10%).
Figure 35. Recommended NRST pin protection
STM32
R PU
NRST (2)
VDD
Filter
Internal Reset
0.1 µF
External
reset circuit (1)
1.
The reset network protects the device against parasitic resets.
2.
The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 65. I/O static characteristics. Otherwise the reset is not taken into account by the device.
6.3.18
FMC characteristics
Unless otherwise specified, the parameters given in the below tables for the FMC interface are derived from tests
performed under the ambient temperature, fHCLK frequency and VDD supply voltage conditions summarized in
Table 22. General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5VDD
•
IO Compensation cell activated.
•
HSLV activated when VDD ≤ 2.7 V
•
VOS level set to VOS0.
Note:
At VOS1, the performance in some FMC modes can be degraded by up to 5 % compared to VOS0. This is
indicated by a footnote when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics.
Asynchronous waveforms and timings
Figure 36 through Figure 38 represent asynchronous waveforms and Table 72 through Table 79 provide the
corresponding timings. The results shown in these tables are obtained with the following FMC configuration:
•
AddressSetupTime = 0x1
•
AddressHoldTime = 0x1
•
DataSetupTime = 0x1 (except for asynchronous NWAIT mode , DataSetupTime = 0x5)
•
BusTurnAroundDuration = 0x0
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 122/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com