Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 119Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 120Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 121Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 122Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 123Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 124Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 125Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 126Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 237 page
background image
•
Capacitive load CL = 30 pF
In all timing tables, Tfmc_ker_ck is the kernel clock period.
Figure 36. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms
Data
FMC_NE
FMC_NBL[1:0]
FMC_D[15:0]
tv(BL_NE)
th(Data_NE)
FMC_NOE
Address
FMC_A[25:0]
tv(A_NE)
FMC_NWE
tsu(Data_NE)
tw(NE)
w(NOE)
t
tv(NOE_NE)
th(NE_NOE)
th(Data_NOE)
th(A_NOE)
th(BL_NOE)
tsu(Data_NOE)
FMC_NADV
(1)
tv(NADV_NE)
tw(NADV)
FMC_NWAIT
tsu(NWAIT_NE)
th(NE_NWAIT)
1.
Mode 2/B, C and D only. In Mode 1, FMC_NADV is not used.
Table 72. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NE)
FMC_NE low time
3Tfmc_ker_ck − 1
3Tfmc_ker_ck +1
ns
tv(NOE_NE)
FMC_NEx low to FMC_NOE low
0
0.5
tw(NOE)
FMC_NOE low time
2Tfmc_ker_ck − 1
2Tfmc_ker_ck + 1
th(NE_NOE)
FMC_NOE high to FMC_NE high hold time
0
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0.5
th(A_NOE)
Address hold time after FMC_NOE high
0
-
tsu(Data_NE)
Data to FMC_NEx high setup time
13
-
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 123/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com