Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 137Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 138Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 139Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 140Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 141Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 142Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 143Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 144Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 237 page
background image
Figure 49. OctoSPI timing diagram - SDR mode
Data output
D0
D1
D2
Clock
Data input
D0
D1
D2
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
ts(IN)
th(IN)
tv(OUT)
th(OUT)
Table 91. OCTOSPI characteristics in DTR mode (with DQS)/Octal and Hyperbus
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
F(CLK)(3)(4)
OCTOSPI clock
frequency
1.71 V < VDD < 3.6 V, VOS0,
CLOAD = 15 pF
-
-
120(5)
MHz
2.7 V < VDD < 3.6 V, VOS0,
CLOAD = 20 pF
-
-
100
1.62 V < VDD < 2.5 V, VOS0,
CLOAD = 20 pF
-
-
100/45(6)
tw(CLKH)
OCTOSPI clock high
and low time
PRESCALER[7:0] = n = 0,1,3,5
t(CLK)/2
-
t(CLK)/2+1
ns
tw(CLKL)
t(CLK)/2−1
-
t(CLK)/2
tw(CLKH)
OCTOSPI clock high
and low time
PRESCALER[7:0] = n = 2,4,6,8
(n/2)*t(CLK)/
(n+1)
-
(n/2)*t(CLK)/
(n+1)+1
tw(CLKL)
(n/2+1)*t(CLK)/
(n+1)−1
-
(n/2+1)*t(CLK)/
(n+1)
tv(CLK)
Clock valid time
-
-
-
t(CLK)+1
th(CLK)
Clock hold time
-
t(CLK)/2−0.5
t(CLK)/2
-
-
tw(CS)
Chip select high time
-
3 x t(CLK)
-
-
tv(DQ)
Data input vallid time
-
0
-
-
tv(DS)
Data strobe input
valid time
-
0
-
-
th(DS)
Data strobe input hold
time
-
0
-
-
tv(RWDS)
Data strobe output
valid time
-
-
-
3 x t(CLK)
tsr(DQ)
tsf(DQ)(7)
Data input setup time
-
−1
-
-
thr(DQ)
Data input hold time
Rising edge
3
-
-
thf(DQ)(7)
Falling edge
3.5
-
-
tvr(OUT)
tvf(OUT)
Data output valid time
DHQC = 0
-
5.5
7(8)
DHQC = 1, PRESCALER[7:0]=1,2...
-
t(CLK)/4+
1
t(CLK)/4+2(8)
thr(OUT)
thf(OUT)
Data output hold time
DHQC = 0
4.5
-
-
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 141/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com