Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 138Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 139Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 140Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 141Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 142Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 143Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 144Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 145Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
thr(OUT)
thf(OUT)
Data output hold time
DHQC = 1, PRESCALER[7:0]=1,2...
t(CLK)/4
ns
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. At VOS1, these values are degraded by up to 5 %.
3. The maximum frequency values are given for a maximum RWDS to DQ skew ≤ ±1.0 ns.
4. DHQC must be set to reach the mentioned frequency.
5. Guaranteed by design.
6. Using PC2, PC3, PI11, PF0 or PF1 I/Os limits the maximum clock frequency.
7. Delay block bypassed.
8. Using PC2, PC3, PI11, PF0 or PF1 I/O in the data bus adds 3.5 ns to this timing value.
Figure 50. OctoSPI timing diagram - DTR mode
Data output
D0
D2
D4
Clock
Data input
D0
D2
D4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
D1
D3
D5
D1
D3
D5
tvr(OUT)
thf(OUT)
tsr(IN)thr(IN)
Figure 51. OctoSPI Hyperbus clock
CLK
t(NCLK)
tw(NCLKL)
tw(NCLKH)
tf(NCLK)
tr(NCLK)
tr(CLK)
tw(CLKH)
tw(CLKL)
t(CLK)
tf(CLK)
NCLK
VOD(CLK)
Figure 52. OctoSPI Hyperbus read
NCS
tACC= Initial access
Latency count
Command address
47:40 39:32 31:24
23:16
15:8
7:0
Dn
A
Dn
B
Dn+1
A
Dn+1
B
Host drives DQ[7:0] and the memory drives RWDS.
CLK, NCLK
RWDS
DQ[7:0]
Memory drives DQ[7:0] and RWDS.
tw(CS)
tv(RWDS)
tv(CLK)
tv(DS)
tv(DQ)
th(CLK)
th(DS)
tv(OUT)
th(OUT)
th(DQ)
ts(DQ)
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 142/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com