Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 142Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 143Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 144Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 145Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 146Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 147Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 148Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 149Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
IDD(ADC)
ADC consumption on
VDD
fADC=25 MHz
µA
-
220
-
fADC=12.5 MHz
-
180
-
fADC=6.25 MHz
-
120
-
fADC=3.125 MHz
-
80
-
1. Guaranteed by design.
2. Depending on the package, VREF+ can be internally connected to VDDA and VREF- to VSSA.
3. These values are valid UFBGA176+25 and one ADC. The values for other packages and multiple ADCs might be different
4. The voltage booster on ADC switches must be used for VDDA < 2.4 V (embedded I/O switches).
5. The tolerance is 10 LSBs for 16-bit resolution, 4 LSBs for 14-bit resolution, and 2 LSBs for 12-bit, 10-bit and 8-bit resolutions.
Table 94. Minimum sampling time vs RAIN
Data valid up to 130 °C, with a 47 pF PCB capacitor and VDDA=1.6 V.
Resolution
RAIN (Ω)
Minimum sampling time (s)
Direct channels(1)(2)
Fast channels(1)(3)
Slow channels(1)(4)
16 bits
47
7.37E-08
1.14E-07
1.72E-07
14 bits
47
6.29E-08
9.74E-08
1.55E-07
68
6.84E-08
1.02E-07
1.58E-07
100
7.80E-08
1.12E-07
1.62E-07
150
9.86E-08
1.32E-07
1.80E-07
220
1.32E-07
1.61E-07
2.01E-07
12 bits
47
5.32E-08
8.00E-08
1.29E-07
68
5.74E-08
8.50E-08
1.32E-07
100
6.58E-08
9.31E-08
1.40E-07
150
8.37E-08
1.10E-07
1.51E-07
220
1.11E-07
1.34E-07
1.73E-07
330
1.56E-07
1.78E-07
2.14E-07
470
2.16E-07
2.39E-07
2.68E-07
680
3.01E-07
3.29E-07
3.54E-07
10 bits
47
4.34E-08
6.51E-08
1.08E-07
68
4.68E-08
6.89E-08
1.11E-07
100
5.35E-08
7.55E-08
1.16E-07
150
6.68E-08
8.77E-08
1.26E-07
220
8.80E-08
1.08E-07
1.40E-07
330
1.24E-07
1.43E-07
1.71E-07
470
1.69E-07
1.89E-07
2.13E-07
680
2.38E-07
2.60E-07
2.80E-07
1000
3.45E-07
3.66E-07
3.84E-07
1500
5.15E-07
5.35E-07
5.48E-07
2200
7.42E-07
7.75E-07
7.78E-07
3300
1.10E-06
1.14E-06
1.14E-06
8 bits
47
3.32E-08
5.10E-08
8.61E-08
68
3.59E-08
5.35E-08
8.83E-08
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 146/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com