Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 148 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 148 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 144Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 145Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 146Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 147Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 148Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 149Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 150Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 151Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 237 page
background image
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
EO
LSB
Offset error
-
-
±10
-
EG
Gain error
-
-
±15
-
ED
Differential linearity error
Single ended
-
+3/–1
-
Differential
-
+4.5/–1
-
EL
Integral linearity error
Direct channel
Single ended
-
±11
-
Differential
-
±7
-
Fast channel
Single ended
-
±13
-
Differential
-
±7
-
Slow channel
Single ended
-
±10
-
Differential
-
±6
-
ENOB
Effective number of bits
Single ended
-
12.2
-
Bits
Differential
-
13.2
-
SINAD
Signal-to-noise and distortion ratio
Single ended
-
75.2
-
dB
Differential
-
81.2
-
SNR
Signal-to-noise ratio
Single ended
-
77.0
-
Differential
-
81.0
-
THD
Total harmonic distortion
Single ended
-
87
-
Differential
-
90
-
1. ADC clock frequency = 25 MHz, ADC resolution = 16 bits, VDDA=VREF+=3.3 V and BOOST=11.
Note:
ADC accuracy vs. negative injection current: injecting a negative current on any analog input pins should be
avoided as this significantly reduces the accuracy of the conversion being performed on another analog input.
It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative
currents.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.15 I/O current
injection characteristics does not affect the ADC accuracy.
Figure 55. ADC accuracy characteristics
(1) Example of an actual transfer curve
(2) Ideal transfer curve
(3) End-point correlation line
n = ADC resolution
ET = total unadjusted error: maximum deviation
between the actual and ideal transfer curves
EO = offset error: maximum deviation between the first
actual transition and the first ideal one
EG = gain error: deviation between the last ideal
transition and the last actual one
ED = differential linearity error: maximum deviation
between actual steps and the ideal one
EL = integral linearity error: maximum deviation between
any actual transition and the end point correlation line
2n-1
7
6
5
4
3
2
1
0
Output code
EO
VSSA
2n-2
2n-3
VREF+ (VDDA)
ET
EL
ED
1 LSB ideal
EG
(1)
(2)
(3)
(or
)]
[1LSB =
VDDA
2n
VREF+
2n
1.
Example of an actual transfer curve.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 148/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com