Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 148Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 149Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 150Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 151Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 152Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 153Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 154Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 155Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
IDDA(DAC)
DAC quiescent
consumption from VDDA
DAC output buffer ON
No load, middle code
(0x800)
-
360
-
µA
No load, worst code
(0xF1C)
-
490
-
DAC output buffer OFF
No load, middle/worst
code (0x800)
-
20
-
Sample and Hold mode, CSH=100 nF
-
360*TON/
(TON+TOFF)(5)
-
IDDV(DAC)
DAC consumption from VREF+
DAC output buffer ON
No load, middle code
(0x800)
-
170
-
No load, worst code
(0xF1C)
-
170
-
DAC output buffer OFF
No load, middle/worst
code (0x800)
-
160
-
Sample and Hold mode, Buffer ON, CSH=100 nF
(worst code)
-
170*TON/
(TON+TOFF)(5)
-
Sample and Hold mode, Buffer OFF,
CSH=100 nF (worst code)
-
160*TON/
(TON+TOFF)(5)
-
1. Guaranteed by design, unless otherwise specified.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from the minimum value).
3. DACx_OUT pin is not connected externally (internal connection only).
4. Refer to Table 65. I/O static characteristics.
5. TON is the refresh phase duration, while TOFF is the hold phase duration. Refer to the product reference manual for more details.
Table 97. DAC accuracy
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
DNL
Differential non linearity(2)
DAC output buffer ON
−2
-
2
LSB
DAC output buffer OFF
−2
-
2
INL
Integral non linearity(3)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
−4
-
4
LSB
DAC output buffer OFF, CL ≤ 50 pF, no RL
−4
-
4
Offset
Offset error at code 0x800(3)
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±12
LSB
VREF+ = 1.8 V
-
-
±25
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
-
±8
Offset1
Offset error at code 0x001(4)
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
±5
LSB
OffsetCal
Offset error at code 0x800 after
factory calibration
DAC output buffer ON, CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±5
LSB
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON,CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
±1
%
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
±1
TUE
Total undajusted error
DAC output buffer ON,CL ≤ 50 pF, RL ≥ 5 kΩ
-
-
±30
LSB
DAC output buffer OFF, CL ≤ 50 pF, no RL
-
-
±12
TUECal
Total undajusted error after
calibration
DAC output buffer ON CL ≤ 50pF, RL ≥ 5kΩ
-
-
±23
LSB
SNR
Signal-to-noise ratio(6)
DAC output buffer ON CL ≤ 50pF, RL ≥ 5kΩ 1 kHz, BW 500KHz
-
67.8
-
dB
DAC output buffer OFF CL ≤ 50pF, no RL 1kHz, BW 500KHz
-
67.8
-
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 152/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com