Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 150Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 151Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 152Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 153Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 154Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 155Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 156Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 157Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
VREFBUF_OUT
Voltage Reference Buffer
Output
Normal mode at 30°C,
ILOAD=100 µA
VSCALE = 000
V
2.496(3)
2.5000
2.504(3)
VSCALE = 001
2,0460
2.0490
2,0520
VSCALE = 010
1,8010
1.8040
1,8060
VSCALE = 011
1,4995
1.5015
1,5040
Degraded mode(2)
VSCALE = 000
VDDA− 150
mV
-
VDDA
VSCALE = 001
VDDA− 150
mV
-
VDDA
VSCALE = 010
VDDA− 150
mV
-
VDDA
VSCALE = 011
VDDA− 150
mV
-
VDDA
TRIM
Trim step resolution
-
-
-
±0.05
±0.1
%
CL
Load capacitor
-
-
0.5
1
1.50
uF
esr
Equivalent Serial Resistor of
CL
-
-
-
-
2
Ω
ILOAD
Static load current
-
-
-
-
4
mA
Iline_reg
Line regulation
2.8 V ≤ VDDA ≤ 3.6 V
ILOAD = 500 µA
-
200
-
ppm/V
ILOAD = 4 mA
-
100
-
ILOAD_reg
Load regulation
500 µA ≤ ILOAD ≤ 4 mA
Normal Mode
-
50
-
ppm/ mA
Tcoeff
Temperature coefficient
−40 °C < TJ < +130 °C
-
-
-
Tcoeff
VREFINT +
100
ppm/ °C
PSRR
Power supply rejection
DC
-
-
60
-
dB
100KHz
-
-
40
-
tSTART
Startup time
CL=0.5 µF
-
-
300
-
µs
CL=1 µF
-
-
500
-
CL=1.5 µF
-
-
650
-
IINRUSH
Control of maximum
DC current drive on
VREFBUF_OUT during startup
phase(4)
-
-
8
-
mA
IDDA(VREFBUF)
VREFBUF consumption from
VDDA
ILOAD = 0 µA
-
-
15
25
µA
ILOAD = 500 µA
-
-
16
30
ILOAD = 4 mA
-
-
32
50
1. Guaranteed by design, unless otherwise specified.
2. In degraded mode, the voltage reference buffer cannot accurately maintain the output voltage (VDDA−drop voltage).
3. Guaranteed by tests in production.
4. To properly control VREFBUF IINRUSH current during the startup phase and the change of scaling, VDDA voltage should be in the range of
1.8 V-3.6 V, 2.1 V-3.6 V, 2.4 V-3.6 V and 2.8 V-3.6 V for VSCALE = 011, 010, 001 and 000, respectively.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 154/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com