Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 151Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 152Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 153Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 154Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 155Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 156Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 157Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 158Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 237 page
background image
6.3.24
Analog temperature sensor characteristics
Table 99. Analog temperature sensor characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
VSENSE linearity with temperature (from VSENSOR voltage)
-
-
3
°C
VSENSE linearity with temperature (from ADC counter)
-
-
3
Avg_Slope(2)
Average slope (from VSENSOR voltage)
-
2
-
mV/°C
Average slope (from ADC counter)
-
2
-
V30(3)
Voltage at 30°C ± 5 °C
-
0.62
-
V
tstart_run(1)
Startup time in Run mode (buffer startup)
-
-
25.2
µs
tS_temp(1)
ADC sampling time when reading the temperature
9
-
-
Isens(1)
Sensor consumption
-
0.18
0.31
µA
Isensbuf(1)
Sensor buffer consumption
-
3.8
6.5
1. Guaranteed by design.
2. Guaranteed by characterization results.
3. Measured at VDDA = 3.3 V ± 10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte.
Table 100. Analog temperature sensor calibration values
Symbol
Parameter
Memory address
TS_CAL1
Temperature sensor raw data acquired value at 30 °C, VDDA=3.3 V
0x08FF F814 - 0x08FF F816
TS_CAL2
Temperature sensor raw data acquired value at 130 °C, VDDA=3.3 V
0x08FF F818 - 0x08FF F81A
6.3.25
Digital temperature sensor characteristics
Table 101. Digital temperature sensor characteristics
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1)
Unit
fDTS(2)
Output Clock frequency
-
500
750
1150
kHz
TLC(2)
Temperature linearity coefficient
VOS2
1660
2100
2750
Hz/°C
TTOTAL_ERROR(2)
Temperature offset measurement, all VOS
TJ =−40 °C to 30 °C
−13
-
4
°C
TJ =30 °C to 130 °C
−7
-
2
TVDD_CORE
Additional error due to supply variation
VOS2
0
-
0
°C
VOS0, VOS1, VOS3
−1
-
1
tTRIM
Calibration time
-
-
-
2
ms
tWAKE_UP
Wake-up time from off state until DTS ready bit is set
-
-
67
116.00
μs
IDDCORE_DTS
DTS consumption on VCORE
-
8.5
30
70.0
μA
1. Guaranteed by design, unless otherwise specified.
2. Guaranteed by characterization results.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 155/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com