Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 159 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 159 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 155Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 156Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 157Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 158Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 159Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 160Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 161Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 162Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
Rnetwork
R2/R1 internal resistance
values in inverting PGA
mode(3)
PGA Gain = -7
kΩ/
kΩ
-
70/10
-
PGA Gain = -15
-
150/10
-
Delta R
Resistance variation (R1 or
R2)
-
−15
-
15
%
PGA BW
PGA bandwidth for different
non inverting gain
Gain=2
-
GBW/2
-
MHz
Gain=4
-
GBW/4
-
Gain=8
-
GBW/8
-
Gain=16
-
GBW/16
-
PGA bandwidth for different
inverting gain
Gain = -1
-
5.00
-
MHz
Gain = -3
-
3.00
-
Gain = -7
-
1.50
-
Gain = -15
-
0.80
-
en
Voltage noise density
at 1 KHz
output loaded with 4 kΩ
-
140
-
nV/√Hz
at 10 KHz
-
55
-
IDDA(OPAMP)
OPAMP consumption from
VDDA
Normal mode
no Load, quiescent
mode, follower
-
570
1000
µA
High-speed
mode
-
610
1200
1. Guaranteed by design, unless otherwise specified.
2. RLOAD is the resistive load connected to VSSA or to VDDA.
3. R2 is the internal resistance between the OPAMP output and th OPAMP inverting input. R1 is the internal resistance between the OPAMP
inverting input and ground. PGA gain = 1 + R2/R1.
6.3.30
Digital filter for Sigma-Delta Modulators (DFSDM) characteristics
Unless otherwise specified, the parameters given in Table 108. DFSDM measured timing 1.62-3.6 V for DFSDM
are derived from tests performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 22. General operating conditions and Section 6.3.1 .
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS0
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics (DìFSDM_CKINx, DFSDM_DATINx, DFSDM_CKOUT for DFSDM).
Table 108. DFSDM measured timing 1.62-3.6 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDFSDMCLK
DFSDM
clock
1.62 V < VDD < 3.6 V
-
-
(1)
MHz
fCKIN (1/
TCKIN)
Input clock
frequency
SPI mode (SITP[1:0]=0,1), External clock mode
(SPICKSEL[1:0]=0),
-
-
20(2)
SPI mode (SITP[1:0]=0,1), Internal clock mode
(SPICKSEL[1:0]≠0)
-
-
20(2)
fCKOUT
Output
clock
frequency
1.62 < VDD < 3.6 V
-
-
20
DuCyCKOUT
Output
clock
frequency
duty cycle
1.62 < VDD < 3.6 V
Even
division,CKOUTDIV[7:0]
= n, 1, 3, 5, ...
45
50
55
%
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 159/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com