Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 156Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 157Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 158Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 159Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 160Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 161Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 162Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 163Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 237 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DuCyCKOUT
Output
clock
frequency
duty cycle
1.62 < VDD < 3.6 V
Odd
division,CKOUTDIV[7:0]
= n, 2, 4, 6, ...
%
(((n/
2+1)/(n−1))*100)−5
(((n/2+1)/
(n−1))*100)
(((n/
2+1)/(n−1))*100)+5
twh(CKIN)
twl(CKIN)
Input clock
high and
low time
SPI mode
(SITP[1:0]=0,1),
External clock mode
(SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
-
TCKIN/2 - 0.5
TCKIN/2
-
ns
tsu
Data input
setup time
SPI mode
(SITP[1:0]=0,1),
External clock mode
(SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
-
4
-
-
th
Data input
hold time
SPI mode
(SITP[1:0]=0,1),
External clock mode
(SPICKSEL[1:0]=0),
1.62 < VDD < 3.6 V
-
0.5
-
-
TManchester
Manchester
data period
(recovered
clock
period)
Manchester mode
(SITP[1:0]=2,3),
Internal clock mode
(SPICKSEL[1:0]¹0),
1.62 < VDD < 3.6 V
-
(CKOUTDIV[7:0]+1)
x TDFSDMCLK
-
(2*CKOUTDIV[7:0])
x TDFSDMCLK(3)
1. The maximum DFSDM kernel clock is specified in Section 6.3.1 .
2. The internal DFSDMCLK clock must be at least 4 times faster than the external CKIN clock.
3. The internal DFSDMCLK must be at least 6 times faster than the Manchester data frequency.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 160/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com