Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 167Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 168Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 169Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 170Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 171Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 172Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 173Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 174Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
tsu(SI)
Data input setup time
ns
Slave mode
2
-
-
th(MI)
Data input hold time
Master mode
3
-
-
th(SI)
Slave mode
1
-
-
ta(SO)
Data output access time
Slave mode
9
13
27
tdis(SO)
Data output disable time
Slave mode
0
1
5
tv(SO)
Data output valid time
Slave mode, 2.7 < VDD < 3.6 V
-
9/15(3)
11/16(3)
Slave mode, 1.62 < VDD < 3.6 V
-
9/15(3)
17/27(3)
tv(MO)
Master mode, 2.7 < VDD < 3.6 V
-
1/5(3)
1.5/7(3)
Master mode, 1.62 < VDD < 3.6 V
-
1/5(3)
2/13(3)
th(SO)
Data output hold time
Slave mode, 1.62 < VDD < 3.6 V
7
-
-
th(MO)
Master mode
0
-
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. Using PC3_C / PC2_C (not available on all packages).
Figure 68. SPI timing diagram - slave mode and CPHA = 0
MSv69584V1
SS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tc(SCK)
tr(SCK)
th(SS)
tdis(SO)
tsu(SS)
ta(SO)
tv(SO)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(SO)
tf(SCK)
Last bit IN
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 171/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com