Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 168Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 169Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 170Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 171Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 172Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 173Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 174Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 175Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 237 page
background image
Figure 69. SPI timing diagram - slave mode and CPHA = 1(1)
MSv69585V1
SS input
CPHA=1
CPOL=0
CPHA=1
CPOL=1
MISO output
MOSI input
tsu(SI)
th(SI)
tw(SCKL)
tw(SCKH)
tsu(SS)
tc(SCK)
ta(SO)
tv(SO)
First bit OUT
Next bits OUT
Next bits IN
Last bit OUT
th(SO)
tr(SCK)
tf(SCK)
th(SS)
tdis(SO)
First bit IN
Last bit IN
1.
Measurement points are done at 0.5VDD and with external CL = 30 pF.
Figure 70. SPI timing diagram - master mode(1)
MSv69586V1
CPHA=0
MOSI
OUTPUT
MISO
INPUT
CPHA=0
LSB OUT
LSB IN
CPOL=0
CPOL=1
BIT1 OUT
SS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)
MSB IN
BIT6 IN
MSB OUT
1.
Measurement points are done at 0.5VDD and with external CL = 30 pF.
6.3.36.4
I2S Interface characteristics
Unless otherwise specified, the parameters given in Table 119 for I2S are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 22. General
operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 172/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com