Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 193 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 193 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 189Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 190Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 191Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 192Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 193Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 194Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 195Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 196Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 237 page
background image
Table 130. TFBGA100 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
1.100
-
-
0.0433
A1(3)
0.150
-
-
0.0059
-
-
A2
-
0.760
-
-
0.0299
-
b(4)
0.350
0.400
0.450
0.0138
0.0157
0.0177
D
7.850
8.000
8.150
0.3091
0.3150
0.3209
D1
-
7.200
-
-
0.2835
-
E
7.850
8.000
8.150
0.3091
0.3150
0.3209
E1
-
7.200
-
-
0.2835
-
e
-
0.800
-
-
0.0315
-
F
-
0.400
-
-
0.0157
-
G
-
0.400
-
-
0.0157
-
ddd
-
-
0.100
-
-
0.0039
eee(5)
-
-
0.150
-
-
0.0059
fff(6)
-
-
0.080
-
-
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The total profile height (Dim A) is measured from the seating plane to the top of the component.
3. •
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metalized markings, or
other feature of package body or integral heat slug.
•
A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1 corner. Exact
shape of each corner is optional.
4. Initial ball equal 0.350mm.
5. The tolerance of position that controls the location of the pattern of balls with respect to datums A and B. For each ball there
is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to datums A and B as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
6. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above The axis of each ball must lie simultaneously in both tolerance zones.
Figure 89. TFBGA100 - Recommended footprint
Dsm
Dpad
STM32H7A3xI/G
TFBGA100 package information
DS13195 - Rev 8
page 193/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com