Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 192Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 193Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 194Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 195Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 196Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 197Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 198Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 199Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 237 page
background image
7.4
WLCSP132 package information
WLCSP132 is a 132 balls, 4.57 x 4.37 mm, 0.35 mm pitch, wafer level chip scale package.
Figure 91. WLCSP132 - Outline
e1
G
e
e2
E
D
BOTTOM VIEW
A1 BALL LOCATION
E
D
TOP VIEW
DETAIL A
A1
A2
A
SIDE VIEW
FRONT VIEW
A3
DETAIL A
ROTATED 90
SEATING PLANE
BUMP
F
12
1
L
A
b
eee Z
ccc Z
Z
X
ddd
Y
b (132x)
Z
aaa
(4x)
bbb Z
1.
Drawing is not to scale.
2.
Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
STM32H7A3xI/G
WLCSP132 package information
DS13195 - Rev 8
page 196/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com