Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 199 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 199 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 195Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 196Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 197Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 198Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 199Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 200Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 201Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 202Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 237 page
background image
7.5
LQFP144 package information
LQFP144 is a 144-pin, 20 x 20 mm low-profile quad flat package.
Note:
See list of notes in the notes section.
Figure 94. LQFP144 - Outline(15.)
SECTION A-A
GAUGE PLANE
B
B
H
L
(L1)
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH PLATING
BASE METAL
1
3
2
(6)
D 1/4
E 1/4
BOTTOM VIEW
ddd
C A-B D
0.05
(12)
A1
A2
A
aaa C A-B D
(N-4)x e
4x
H A-B D
bbb
b
C
ccc C
D 1/4
E 1/4
D
D1
(3)
N
1
(10)
2
3
(6)
(3) A
(3)
B
(2)
(5)
E1
E
(2)(5)
(4)
(4)
A
A
(Section A-A)
D
TOP VIEW
(2)
(11)
4x N/4 TIPS
(9) (11)
(11)
(11)
(11)
(1)
STM32H7A3xI/G
LQFP144 package information
DS13195 - Rev 8
page 199/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com