Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 217 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 217 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 213Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 214Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 215Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 216Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 217Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 218Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 219Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 220Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 221Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 237 page
background image
Table 142. UFBGA(176+25) - Mechanical data
Symbol
millimeters
inches (1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A(2)
-
-
0.60
-
-
0.0236
A1
0.05
0.08
0.11
0.0020
0.0031
0.0043
A2
-
0.45
-
-
0.0177
-
A3
-
0.13
-
-
0.0051
-
A4
-
0.32
-
-
0.0126
-
b
0.24
0.29
0.34
0.0094
0.0114
0.0134
D
9.85
10.00
10.15
0.3878
0.03937
0.3996
D1
-
9.10
-
-
0.3583
-
E
9.85
10.00
10.15
0.3878
0.03937
0.3996
E1
-
9.10
-
-
0.3583
-
e
-
0.65
-
-
0.0256
-
F
-
0.45
-
-
0.0177
-
ddd
-
-
0.08
-
-
0.0031
eee (3)
-
-
0.15
-
-
0.0059
fff(4)
-
-
0.05
-
-
0.0020
1. Values in inches are converted from mm and rounded to four decimal digits.
2. Ultra thin profile: 0.50 < A Max \u0001 0.65 mm / Fine pitch: e < 1.00 mm. The total profile height (Dim.A) is measured from
the seating plane “C” to the top of the component.
3. The tolerance of position that controls the location of the pattern of balls with respect to datum A and B. For each ball there
is a cylindrical tolerance zone eee perpendicular to datum C and located on true position with respect to datum A and B as
defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
4. The tolerance of position that controls the location of the balls within the matrix with respect to each other. For each ball
there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis
perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained
entirely in the respective zone eee above The axis of each ball must lie simultaneously in both tolerance zones.
Figure 110. UFBGA(176+25) - Recommended footprint
Dsm
Dpad
STM32H7A3xI/G
UFBGA(176+25) package information
DS13195 - Rev 8
page 217/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com