Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3IIK Datasheet(PDF) 220 Page - STMicroelectronics

Part # STM32H7A3IIK
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3IIK Datasheet(HTML) 220 Page - STMicroelectronics

Back Button STM32H7A3IIK Datasheet HTML 216Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 217Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 218Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 219Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 220Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 221Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 222Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 223Page - STMicroelectronics STM32H7A3IIK Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 237 page
background image
Symbol
Definition
Parameter
value unit
ΘJC
Thermal resistance
junction-case
Thermal resistance junction-case LQFP144 - 20 x 20 mm /0.5 mm pitch
°C/W
12.6
Thermal resistance junction-case LQFP176 - 24 x 24 mm /0.5 mm pitch
11.5
Thermal resistance junction-case TFBGA100 - 8 x 8 mm /0.8 mm pitch
22.2
Thermal resistance junction-case UFBGA169 - 7 x 7 mm /0.5 mm pitch
19.9
Thermal resistance junction-case UFBGA176+25 - 10 x 10 mm /0.65
mm pitch
18.9
Thermal resistance junction-case TFBGA216 13 x 13 mm /0.8 mm pitch
22.2
Thermal resistance junction-case TFBGA225 13 x 13 mm /0.8 mm pitch
22.2
Thermal resistance junction-case WLCSP132 - 4.57 x 4.37 mm /0.35
mm pitch
NA
7.11.1
Reference documents
•
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air).
Available from www.jedec.org.
•
For information on thermal management, refer to application note “Thermal management guidelines for
STM32 32-bit Arm Cortex MCUs applications” (AN5036) available from www.st.com.
STM32H7A3xI/G
Thermal characteristics
DS13195 - Rev 8
page 220/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com