| Electronic Components Datasheet Search |
|
DSP56307/D Datasheet(PDF) 32 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56307/D Datasheet(HTML) 32 Page - Motorola, Inc |
|
32 / 156 page ![]() 1-26 DSP56307 Technical Data MOTOROLA Signals/Connections SCI Table 1-13 Serial Communication Interface Signal Name Type State During Reset Signal Description RXD PE0 Input Input or Output Input Serial Receive Data ÑThis input receives byte oriented serial data and transfers it to the SCI receive shift register. Port E 0 ÑThe default configuration following reset is GPIO input PE0. When configured as PE0, signal direction is controlled through the SCI port directions register (PRR). The signal can be configured as an SCI signal RXD through the SCI port control register (PCR). Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. TXD PE1 Output Input or Output Input Serial Transmit Data ÑThis signal transmits data from SCI transmit data register. Port E 1 ÑThe default configuration following reset is GPIO input PE1. When configured as PE1, signal direction is controlled through the SCI PRR. The signal can be configured as an SCI signal TXD through the SCI PCR. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. SCLK PE2 Input/ Output Input or Output Input Serial Clock ÑThis is the bidirectional Schmitt-trigger input signal providing the input or output clock used by the transmitter and/or the receiver. Port E 2 ÑThe default configuration following reset is GPIO input PE2. When configured as PE2, signal direction is controlled through the SCI PRR. The signal can be configured as an SCI signal SCLK through the SCI PCR. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. Not Recommended for New Design |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |