| Electronic Components Datasheet Search |
|
DSP56307/D Datasheet(PDF) 22 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56307/D Datasheet(HTML) 22 Page - Motorola, Inc |
|
22 / 156 page ![]() 1-16 DSP56307 Technical Data MOTOROLA Signals/Connections HI08 HRW HRD/HRD PB11 Input Input Input or Output Input Host Read/Write ÑWhen HI08 is programmed to interface a single-data-strobe host bus and the HI function is selected, this signal is the Host Read/Write (HRW) input. Host Read Data ÑWhen HI08 is programmed to interface a double-data-strobe host bus and the HI function is selected, this signal is the HRD strobe Schmitt-trigger input. The polarity of the data strobe is programmable, but is configured as active-low (HRD) after reset. Port B 11 ÑWhen the HI08 is configured as GPIO through the HPCR, this signal is individually programmed as an input or output through the HDDR. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. HDS/HDS HWR/HWR PB12 Input Input Input or Output Input Host Data Strobe ÑWhen HI08 is programmed to interface a single-data-strobe host bus and the HI function is selected, this signal is the host data strobe (HDS) Schmitt-trigger input. The polarity of the data strobe is programmable, but is configured as active-low (HDS) following reset. Host Write Data ÑWhen HI08 is programmed to interface a double-data-strobe host bus and the HI function is selected, this signal is the host write data strobe (HWR) Schmitt-trigger input. The polarity of the data strobe is programmable, but is configured as active-low (HWR) following reset. Port B 12 ÑWhen the HI08 is configured as GPIO through the HPCR, this signal is individually programmed as an input or output through the HDDR. Note: This signal has a weak keeper to maintain the last state even if all drivers are tri-stated. Table 1-10 Host Interface (Continued) Signal Name Type State During Reset Signal Description Not Recommended for New Design |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |