Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 40 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 40 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 36Page - Motorola, Inc DSP56307/D Datasheet HTML 37Page - Motorola, Inc DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc DSP56307/D Datasheet HTML 43Page - Motorola, Inc DSP56307/D Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 156 page
background image
2-4
DSP56307 Technical Data
MOTOROLA
Specifications
AC Electrical Characteristics
AC ELECTRICAL CHARACTERISTICS
The timing waveforms shown in the ac electrical characteristics section are tested with a VIL
maximum of 0.3 V and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using
the input levels shown in Note 6 of Table 2-3. AC timing specifications, which are referenced to
a device input signal, are measured in production with respect to the 50 percent point of the
respective input signalÕs transition. DSP56307 output levels are measured with the production
test machine VOL and VOH reference levels set at 0.8 V and 2.0 V, respectively.
INTERNAL CLOCKS
Notes:
1.
VCCQL/VCCP = 2.5 V ± 0.2 V; I/O VCC = 3.3 ± 0.3 V; TJ = Ð40ûC to +100 ûC, CL = 50 pF
2.
Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins
3.
Driving EXTAL to the low VIHX or the high VILX value may cause additional power consumption
(dc current). To minimize power consumption, the minimum VIHX should be no lower than
0.9
× V
CC and the maximum VILX should be no higher than 0.1 × VCC.
4.
Periodically sampled and not 100% tested
5.
This characteristic does not apply to XTAL and PCAP.
6.
Power Consumption Considerations
on page SECTION 4-4 provides a formula to compute the
estimated current requirements in Normal mode. In order to obtain these results, all inputs must be
terminated (i.e., not allowed to float). Measurements are based on synthetic intensive DSP
benchmarks. (For an example, see Appendix A, Power Consumption Benchmark on page APPENDIX
A-1.) The power consumption numbers in this specification are 90% of the measured results of this
benchmark. This reflects typical DSP applications. Typical internal supply current is measured with
VCCQL = 2.5 V at TJ = 100ûC. Maximum internal supply current may vary widely and is application
dependent.
7.
In order to obtain these results, all inputs must be terminated (i.e., not allowed to float). PLL and XTAL
signals are disabled during Stop state.
8.
In order to obtain these results, all inputs not disconnected in Stop mode must be terminated (i.e., not
allowed to float).
9.
See DSP56307 Errata ES 74. for appropriate operating voltages for appropriate mask sets.
10. See DSP56307 Errata ES93 for appropriate workarounds to data bus drift problem.
Table 2-4
Internal Clocks, CLKOUT
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
Internal operation frequency
and CLKOUT with PLL enabled
f
Ñ
(Ef
× MF)/
(PDF
× DF)
Ñ
Table 2-3
DC Electrical Characteristics1 (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com