Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 79 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 79 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 75Page - Motorola, Inc DSP56307/D Datasheet HTML 76Page - Motorola, Inc DSP56307/D Datasheet HTML 77Page - Motorola, Inc DSP56307/D Datasheet HTML 78Page - Motorola, Inc DSP56307/D Datasheet HTML 79Page - Motorola, Inc DSP56307/D Datasheet HTML 80Page - Motorola, Inc DSP56307/D Datasheet HTML 81Page - Motorola, Inc DSP56307/D Datasheet HTML 82Page - Motorola, Inc DSP56307/D Datasheet HTML 83Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 156 page
background image
Specifications
External Memory Interface (Port A)
MOTOROLA
DSP56307 Technical Data
2-43
187 RAS assertion to data not
valid (write)
tDHR
9.75
× T
C − 4.0
143.7
Ñ
117.9
Ñ
93.5
Ñ
ns
188 WR assertion to CAS
assertion
tWCS
9.5
× T
C − 4.3
139.6
Ñ
114.5
Ñ
90.7
Ñ
ns
189 CAS assertion to RAS
assertion (refresh)
tCSR
1.5
× T
C − 4.0
18.7
Ñ
14.8
Ñ
11.0
Ñ
ns
190 RAS deassertion to CAS
assertion (refresh)
tRPC
4.75
× T
C − 4.0
68.0
Ñ
55.4
Ñ
43.5
Ñ
ns
191 RD assertion to RAS
deassertion
tROH
15.5
× T
C − 4.0
230.8
Ñ
189.8
Ñ
151.0
Ñ
ns
192 RD assertion to data valid
tGA
66 MHz
:
14
× T
C − 7.5
80 MHz
:
14
× T
C − 6.5
100 MHz
:
14
× T
C − 5.7
Ñ
Ñ
Ñ
204.6
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
168.5
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
134.3
ns
ns
ns
193 RD deassertion to data not
valid3
tGZ
Ñ
0.0
Ñ
0.0
Ñ
0.0
Ñ
ns
194 WR assertion to data active
Ñ
0.75
× T
C − 0.3
11.1
Ñ
9.1
Ñ
7.2
Ñ
ns
195 WR deassertion to data high
impedance
Ñ
0.25
× T
C
Ñ
3.8
Ñ
3.1
Ñ
2.5
ns
Notes:
1.
The number of wait states for out-of-page access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is tOFF and not
tGZ.
4.
Either tRCH or tRRH must be satisfied for read cycles.
Table 2-16
DRAM Out-of-Page and Refresh Timings, Fifteen Wait States1, 2 (Continued)
No.
Characteristics3
Symbol
Expression
66 MHz
80 MHz
100 MHz
Unit
Min Max Min Max Min Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com