Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 42 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 42 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc DSP56307/D Datasheet HTML 43Page - Motorola, Inc DSP56307/D Datasheet HTML 44Page - Motorola, Inc DSP56307/D Datasheet HTML 45Page - Motorola, Inc DSP56307/D Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
2-6
DSP56307 Technical Data
MOTOROLA
Specifications
External Clock Operation
EXTERNAL CLOCK OPERATION
The DSP56307 system clock may be derived from the on
−chip crystal oscillator, as shown in
Figure 1
on the cover page, or it may be externally supplied. An externally supplied square wave
voltage source should be connected to EXTAL (see Figure 2-2), leaving XTAL physically not
connected to the board or socket.
Figure 2-1
Crystal Oscillator Circuits
Suggested Component Values:
fOSC = 4 MHz
R = 680 k
Ω ± 10%
C = 56 pF
± 20%
Calculations were done for a 4/20 MHz crystal with the
following parameters:
a CLof 30/20 pF,
a C0 of 7/6 pF,
a series resistance of 100/20
Ω, and
a drive level of 2 mW.
Suggested Component Values:
fOSC = 32.768 kHz
R1 = 3.9 M
Ω ± 10%
C = 22 pF
± 20%
R2 = 200 k
Ω ± 10%
Calculations were done for a 32.768 kHz crystal with the
following parameters:
a load capacitance (CL) of 12.5 pF,
a shunt capacitance (C0) of 1.8 pF,
a series resistance of 40 k
Ω, and
a drive level of 1
µW.
XTAL1
C
C
R1
Fundamental Frequency
Fork Crystal Oscillator
XTAL
EXTAL
XTAL1
C
C
R
Fundamental Frequency
Crystal Oscillator
XTAL
EXTAL
R2
fOSC = 20 MHz
R = 680 k
Ω ± 10%
C = 22 pF
± 20%
AA1071
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com