Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 76 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 76 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 72Page - Motorola, Inc DSP56307/D Datasheet HTML 73Page - Motorola, Inc DSP56307/D Datasheet HTML 74Page - Motorola, Inc DSP56307/D Datasheet HTML 75Page - Motorola, Inc DSP56307/D Datasheet HTML 76Page - Motorola, Inc DSP56307/D Datasheet HTML 77Page - Motorola, Inc DSP56307/D Datasheet HTML 78Page - Motorola, Inc DSP56307/D Datasheet HTML 79Page - Motorola, Inc DSP56307/D Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 156 page
background image
2-40
DSP56307 Technical Data
MOTOROLA
Specifications
External Memory Interface (Port A)
188 WR assertion to CAS
assertion
tWCS
6.5
× T
C − 4.3
94.2
Ñ
77.0
Ñ
60.7
Ñ
ns
189 CAS assertion to RAS
assertion (refresh)
tCSR
1.5
× T
C − 4.0
18.7
Ñ
14.8
Ñ
11.0
Ñ
ns
190 RAS deassertion to CAS
assertion (refresh)
tRPC
2.75
× T
C − 4.0
37.7
Ñ
30.4
Ñ
23.5
Ñ
ns
191 RD assertion to RAS
deassertion
tROH
11.5
× T
C − 4.0
170.2
Ñ
139.8
Ñ
111.0
Ñ
ns
192 RD assertion to data valid
tGA
66 MHz
:
10
× T
C − 7.5
80 MHz
:
10
× T
C − 6.5
100 MHz
:
10
× T
C − 5.7
Ñ
Ñ
Ñ
144.0
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
118.5
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
94.3
ns
ns
ns
193 RD deassertion to data not
valid3
tGZ
Ñ
0.0
Ñ
0.0
Ñ
0.0
Ñ
ns
194 WR assertion to data active
Ñ
0.75
× T
C − 0.3
11.1
Ñ
9.1
Ñ
7.2
Ñ
ns
195 WR deassertion to data
high impedance
Ñ
0.25
× T
C
Ñ
3.8
Ñ
3.1
Ñ
2.5
ns
Notes:
1.
The number of wait states for out-of-page access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is tOFF and not
tGZ.
4.
The asynchronous delays specified in the expressions are valid for DSP56307.
5.
Either tRCH or tRRH must be satisfied for read cycles.
Table 2-15
DRAM Out-of-Page and Refresh Timings, Eleven Wait States1, 2 (Continued)
No.
Characteristics3
Symbol
Expression4
66 MHz
80 MHz
100 MHz
Unit
Min Max Min Max Min Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com